Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 70 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 70 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 66Page - Cirrus Logic CS4525 Datasheet HTML 67Page - Cirrus Logic CS4525 Datasheet HTML 68Page - Cirrus Logic CS4525 Datasheet HTML 69Page - Cirrus Logic CS4525 Datasheet HTML 70Page - Cirrus Logic CS4525 Datasheet HTML 71Page - Cirrus Logic CS4525 Datasheet HTML 72Page - Cirrus Logic CS4525 Datasheet HTML 73Page - Cirrus Logic CS4525 Datasheet HTML 74Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 91 page
background image
70
DS726A1
CS4525
9.5.4
Enable Foldback Floor (EnFloor)
Default = 0
Function:
Controls the foldback attenuation floor feature. See “Thermal Foldback” on page 39 for more information.
9.5.5
Ramp Speed (RmpSpd[1:0])
Default = 11
Function:
Controls the PWM output ramp speed. See “PWM PopGuard Transient Control” on page 45 for more in-
formation.
9.6
Mixer / Pre-Scale Configuration (Address 06h)
9.6.1
Pre-Scale Attenuation (PreScale[2:0])
Default = 000
Function:
Controls the pre-scale attenuation level. See “Pre-Scaler” on page 29 for more information.
9.6.2
Right Channel Mixer (RChMix[1:0])
Default = 00
Function:
Controls the right channel mixer output. See “Channel Mixer” on page 30 for more information.
EnFloor Setting
Attenuation Floor
0 .......................................... No foldback attenuation floor imposed.
1 .......................................... Maximum foldback attenuation limited to -30 dB.
RmpSpd[1:0] Setting
Ramp Speed
00 ........................................ Approximately 0.70 seconds.
01 ........................................ Approximately 0.75 seconds.
10 ........................................ Approximately 0.85 seconds.
11......................................... Immediate. PWM PopGuard Disabled.
76
543
21
0
PreScale2
PreScale1
PreScale0
Reserved
RChMix1
RChMix0
LChMix1
LChMix0
PreScale[2:0] Setting
Pre-Scale Attenuation Setting
000 ...................................... No pre-scale attenuation applied.
001 ...................................... -2.0 dB
010 ...................................... -4.0 dB
......................................
100 ...................................... -8.0 dB
......................................
111 ....................................... -14.0 dB
RChMix[1:0] Setting
Right Channel Mixer Output on Channel B
00 ........................................ Right Channel
01 ........................................ (Left Channel + Right Channel) / 2
10 ........................................ (Left Channel + Right Channel) / 2
11......................................... Left Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com