Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 60 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 60 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 56Page - OSRAM GmbH AS73211 Datasheet HTML 57Page - OSRAM GmbH AS73211 Datasheet HTML 58Page - OSRAM GmbH AS73211 Datasheet HTML 59Page - OSRAM GmbH AS73211 Datasheet HTML 60Page - OSRAM GmbH AS73211 Datasheet HTML 61Page - OSRAM GmbH AS73211 Datasheet HTML 62Page - OSRAM GmbH AS73211 Datasheet HTML 63Page - OSRAM GmbH AS73211 Datasheet HTML 64Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
Document Feedback
AS73211
Tape & Reel Information
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 59
11
Tape & Reel Information
Standard packing is tape and reel. Usually in a moisture barrier bag (MBB sealed aluminized
envelope) with desiccant (e.g. silica gel) and humidity indicator card to protect them from ambient
moisture during shipping, handling, and storage before use. This package has been assigned a
moisture sensitivity level of MSL 3 and the devices should be stored under the following conditions:
●
Temperature range 5°C to 50°C
●
Relative humidity 60% maximum
●
Total time 6 months from the date code on the aluminized envelope
– if unopened
●
Opening time 168 hours or less
Figure 59:
QFN16 Tape & Reel Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com