Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 44 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 44 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 40Page - OSRAM GmbH AS73211 Datasheet HTML 41Page - OSRAM GmbH AS73211 Datasheet HTML 42Page - OSRAM GmbH AS73211 Datasheet HTML 43Page - OSRAM GmbH AS73211 Datasheet HTML 44Page - OSRAM GmbH AS73211 Datasheet HTML 45Page - OSRAM GmbH AS73211 Datasheet HTML 46Page - OSRAM GmbH AS73211 Datasheet HTML 47Page - OSRAM GmbH AS73211 Datasheet HTML 48Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 43
7.21
I²C General Procedure to start with the AS73211
After applying the power supply voltage the AS73211 is in the Configuration state, but in Power Down.
The User can now set up the device for the application by writing the control registers. The success of
the configuration can be proven by reading the control registers.
Before a measurement can be started the state must be changed to the Measurement state. The last
three bits (DOS) of the register OSR should be loaded with 011b. Now a conversion can be started
with the measurement mode, which is selected by CREG3:MMODE. A falling slope of the output pin
READY indicates the start. The rising edge at pin READY signalizes the end of conversion and the
measurement results can be read via I²C communication.
If a new configuration should be implemented, the device’s state has to be changed to Configuration
state. Therefore the value 010b should be written into the bits OSR:DOS. This operation resets all
measurement result registers to 00h, while the configuration registers keep their actual values. The
new configuration can be done now.
Figure 42:
Example of Addressing the AS73211 to Read the Configuration Registers Starting at Address
0h with “automatically incremented values” After Power-On Reset or Software Reset
(OSR:SW_RES)
Figure 43:
Example of Addressing the AS73211 to Read the Measurement Result Registers Starting at
Address 4h
The access of the result register bank with 2 byte each address (starting with the low byte), which is
only possible within the Measurement state, has a special feature (see
Figure 43). Reaching the last valid result register address (4h or 6h if SYND mode is activated with
CREG2:EN_TM = ‚1‘) the next result register address is the default one 2h during read on. The
setback to result register address 2h in Measurement mode does not take place if an address was set
above the valid addressable space.
S
A
0
06h
A
9Ch
A
CBh
SLAVE
ADDR.
R/W
1 1 1 0 1 0 0
E8h
address CREG1
A
write EDGES
write BREAK
6h
7h
P
10h
A
8h
52h
A
9h
01h
A
Ah
register address:
data transferred from slave to master
data transferred from master to slave
A: acknowledge
NA: not acknowledge
write CREG1
write CREG2
write CREG3
S: START cond.
Sr: repeated START condition
P: STOP cond.
S
A
0
A
SLAVE
ADDR.
R/W
1 1 1 0 1 0 0
E8h
04h
address MRES3
Sr
SLAVE
ADDR.
1 1 1 0 1 0 0
E9h
MRES1
A
MRES1
2h
read low byte
read high byte
1
R/W
MRES3
A
A
MRES3
A
reg. addr.:
4h
read low byte
read high byte
. . . NA P
A
data transferred from slave to master
data transferred from master to slave
A: acknowledge
NA: not acknowledge
P: STOP cond.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com