Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 21Page - OSRAM GmbH AS73211 Datasheet HTML 22Page - OSRAM GmbH AS73211 Datasheet HTML 23Page - OSRAM GmbH AS73211 Datasheet HTML 24Page - OSRAM GmbH AS73211 Datasheet HTML 25Page - OSRAM GmbH AS73211 Datasheet HTML 26Page - OSRAM GmbH AS73211 Datasheet HTML 27Page - OSRAM GmbH AS73211 Datasheet HTML 28Page - OSRAM GmbH AS73211 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 24
measurement mode by setting the bit OSR:SS to ‚1‘. In addition, for the measurement modes SYNS
and SYND an initiated start is necessary by the falling edge of the signal at pin SYN. While starting the
measurement the A/D conversion follows immediately after the wake-up time TSTARTSB of about
4µs.
Figure 22 shows the principle start and stop sequence of a measurement after startup with OSR:PD =
‚0‘ and CREG3:SB = ‚1:
a)
CREG3 programming: bit CREG3:SB = ‚1‘,
b)
OSR programming: 02h, after startup continuing with Configuration mode,
c)
OSR programming: 83h, measurement start, wake-up and conversion, return to standby
after measurement ends.
Figure 22:
Principle Start and Stop Sequence of a Measurement After S
tartup with OSR:PD = ‚0‘ and
CREG3:SB = ‚1‘
7.12
Examples
For both modes CONT and SYN it is recommended to configure a pause time TBREAK (register
BREAK of Figure 52) to avoid disturbances during the A/D conversion caused by I²C interface
communication. The selectable pause time using register BREAK should be long enough, that all
output results are read before the next conversion starts (automatically in CONT modus or
synchronized via pin SYN in SYN modes). While the pause time TBREAK is running it is possible to
save energy if the bit CREG3:SB is configured to ‚1‘. The wake-up time TSTARTSB of about 4µs is
short compared to the necessary time for the I²C communication protocol represented by register
BREAK.
Figure 23 shows the principle sequence of CONT mode:
if CREG3:SB is set to ‚1‘, saving energy is
possible while the pause time TBREAK is activated for I²C interface communication.
STANDBY
CONFIGURATION
POWDOWN
MEASUREMENT
STANDBY
STATE
I²C activity
OSR
83h
c)
OSR:PD ← ‚0'
b)
CREG3:SB ← ‚1'
a)
TSTARTPD
TSTARTSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com