Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 31 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 31 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 27Page - OSRAM GmbH AS73211 Datasheet HTML 28Page - OSRAM GmbH AS73211 Datasheet HTML 29Page - OSRAM GmbH AS73211 Datasheet HTML 30Page - OSRAM GmbH AS73211 Datasheet HTML 31Page - OSRAM GmbH AS73211 Datasheet HTML 32Page - OSRAM GmbH AS73211 Datasheet HTML 33Page - OSRAM GmbH AS73211 Datasheet HTML 34Page - OSRAM GmbH AS73211 Datasheet HTML 35Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 30
internal conversion time TCONV are determined by the content of register bits CREG1:GAIN and
CREG1:TIME (see Figure 48). Their values directly determine the sensitivity, the LSB value and the
full-scale range (FSR) of the detectable irradiance Ee of the A/D conversion.
Figure 29:
X-
Channel (λ = 600nm) Programmable FSR and LSB of the Detectable Input Light Irradiance Ee
with CREG1:TIME Programming from 0 to 7 and CREG1:GAIN Programming from 0 to 11
CONT, CMD and SYNS Mode
TIME
(1)
0
1
2
3
4
5
6
7
NCLK(1)
1024
2048
4096
8192
16384
32768
65536
131072
TCONV[ms](1)
1
2
4
8
16
32
64
128
RESOL[bit](1)
10
11
12
13
14
15
16
17
GAIN(1)
FSR [µW/cm²] of detectable irradiance Ee (channel X)
2048x
13.854
6.927
1024x
27.707
13.854
512x
55.414
27.707
256x
110.828
55.414
128x
221.657
110.828
64x
443.314
221.657
32x
886.628
443.314
16x
1773.255
886.628
8x
3546.510
1773.255
4x
7093.020
3546.510
2x
14186.041
7093.020
1x
28372.081
14186.041
GAIN (1)
LSB [nW/cm²]
– least significant bit of FSR (channel X)
2048x
13.5289
6.7644
3.3822
1.6911
0.8456
0.4228
0.2114
0.1057
1024x
27.0577
13.5289
6.7644
3.3822
1.6911
0.8456
0.4228
0.2114
512x
54.1155
27.0577
13.5289
6.7644
3.3822
1.6911
0.8456
0.4228
256x
108.2309
54.1155
27.0577
13.5289
6.7644
3.3822
1.6911
0.8456
128x
216.4618
108.2309
54.1155
27.0577
13.5289
6.7644
3.3822
1.6911
64x
432.9236
216.4618
108.2309
54.1155
27.0577
13.5289
6.7644
3.3822
32x
865.8472
432.9236
216.4618
108.2309
54.1155
27.0577
13.5289
6.7644
16x
1731.6944
865.8472
432.9236
216.4618
108.2309
54.1155
27.0577
13.5289
8x
3463.3888
1731.6944
865.8472
432.9236
216.4618
108.2309
54.1155
27.0577
4x
6926.7777
3463.3888
1731.6944
865.8472
432.9236
216.4618
108.2309
54.1155
2x
13853.5554
6926.7777
3463.3888
1731.6944
865.8472
432.9236
216.4618
108.2309
1x
27707.1108
13853.5554
6926.7777
3463.3888
1731.6944
865.8472
432.9236
216.4618
(1)
TIME (TCONV)
– given by CREG1:TIME = 0 … 7 dec, NCLK – number of clock cycle within conversion time TCONV,
RESOL
– Resolution of internal A/D conversion, GAIN = 1x given by CREG1:GAIN = 11dec up to GAIN = 2048x given
by CREG1:GAIN = 0dec (see Figure 48)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com