Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 35 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 35 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 31Page - OSRAM GmbH AS73211 Datasheet HTML 32Page - OSRAM GmbH AS73211 Datasheet HTML 33Page - OSRAM GmbH AS73211 Datasheet HTML 34Page - OSRAM GmbH AS73211 Datasheet HTML 35Page - OSRAM GmbH AS73211 Datasheet HTML 36Page - OSRAM GmbH AS73211 Datasheet HTML 37Page - OSRAM GmbH AS73211 Datasheet HTML 38Page - OSRAM GmbH AS73211 Datasheet HTML 39Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 34
Figure 33:
Z-
Channel (λ = 445nm) Programmable FSR and LSB of the Detectable Input Light Irradiance Ee
with CREG1:TIME Programming from 0 to 7 and CREG1:GAIN Programming from 0 to 11
CONT, CMD and SYNS Mode
TIME
(1)
0
1
2
3
4
5
6
7
NCLK
(1)
1024
2048
4096
8192
16384
32768
65536
131072
TCONV[ms]
(1)
1
2
4
8
16
32
64
128
RESOL[bit]
(1)
10
11
12
13
14
15
16
17
GAIN
(1)
FSR [µW/cm²] of detectable irradiance Ee (channel Z)
2048x
8.012
4.006
1024x
16.024
8.012
512x
32.048
16.024
256x
64.097
32.048
128x
128.194
64.097
64x
256.387
128.194
32x
512.774
256.387
16x
1025.548
512.774
8x
2051.097
1025.548
4x
4102.193
2051.097
2x
8204.387
4102.193
1x
16408.773
8204.387
GAIN
(1)
LSB [nW/cm²]
– least significant bit of FSR (channel Z)
2048x
7.8243
3.9122
1.9561
0.9780
0.4890
0.2445
0.1223
0.0611
1024x
15.6486
7.8243
3.9122
1.9561
0.9780
0.4890
0.2445
0.1223
512x
31.2973
15.6486
7.8243
3.9122
1.9561
0.9780
0.4890
0.2445
256x
62.5945
31.2973
15.6486
7.8243
3.9122
1.9561
0.9780
0.4890
128x
125.1890
62.5945
31.2973
15.6486
7.8243
3.9122
1.9561
0.9780
64x
250.3780
125.1890
62.5945
31.2973
15.6486
7.8243
3.9122
1.9561
32x
500.7560
250.3780
125.1890
62.5945
31.2973
15.6486
7.8243
3.9122
16x
1001.5120
500.7560
250.3780
125.1890
62.5945
31.2973
15.6486
7.8243
8x
2003.0241
1001.5120
500.7560
250.3780
125.1890
62.5945
31.2973
15.6486
4x
4006.0482
2003.0241
1001.5120
500.7560
250.3780
125.1890
62.5945
31.2973
2x
8012.0963
4006.0482
2003.0241
1001.5120
500.7560
250.3780
125.1890
62.5945
1x
16024.1927
8012.0963
4006.0482
2003.0241
1001.5120
500.7560
250.3780
125.189
0
(1)
TIME (TCONV)
– given by CREG1:TIME = 0 … 7 dec, N
CLK – number of clock cycle within conversion time TCONV,
RESOL – Resolution of internal A/D conversion, GAIN = 1x given by CREG1:GAIN = 11dec up to GAIN = 2048x given by
CREG1:GAIN = 0dec (see Figure 48).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com