Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 33 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 29Page - OSRAM GmbH AS73211 Datasheet HTML 30Page - OSRAM GmbH AS73211 Datasheet HTML 31Page - OSRAM GmbH AS73211 Datasheet HTML 32Page - OSRAM GmbH AS73211 Datasheet HTML 33Page - OSRAM GmbH AS73211 Datasheet HTML 34Page - OSRAM GmbH AS73211 Datasheet HTML 35Page - OSRAM GmbH AS73211 Datasheet HTML 36Page - OSRAM GmbH AS73211 Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 32
Figure 31:
Y-
Channel (λ = 555nm) Programmable FSR and LSB of the Detectable Input Light Irradiance Ee
with CREG1:TIME Programming from 0 to 7 and CREG1:GAIN Programming from 0 to 11
CONT, CMD and SYNS Mode
TIME
(1)
0
1
2
3
4
5
6
7
NCLK
(1)
1024
2048
4096
8192
16384
32768
65536
131072
TCONV[ms]
(1)
1
2
4
8
16
32
64
128
RESOL[bit]
(1)
10
11
12
13
14
15
16
17
GAIN
(1)
FSR [µW/cm²] of detectable irradiance Ee (channel Y)
2048x
14.919
7.460
1024x
29.838
14.919
512x
59.677
29.838
256x
119.354
59.677
128x
238.707
119.354
64x
477.415
238.707
32x
954.830
477.415
16x
1909.659
954.830
8x
3819.319
1909.659
4x
7638.637
3819.319
2x
15277.275
7638.637
1x
30554.549
15277.275
GAIN
(1)
LSB [nW/cm²]
– least significant bit of FSR (channel Y)
2048x
14.570
7.285
3.642
1.821
0.911
0.455
0.228
0.114
1024x
29.139
14.570
7.285
3.642
1.821
0.911
0.455
0.228
512x
58.278
29.139
14.570
7.285
3.642
1.821
0.911
0.455
256x
116.556
58.278
29.139
14.570
7.285
3.642
1.821
0.911
128x
233.113
116.556
58.278
29.139
14.570
7.285
3.642
1.821
64x
466.225
233.113
116.556
58.278
29.139
14.570
7.285
3.642
32x
932.451
466.225
233.113
116.556
58.278
29.139
14.570
7.285
16x
1864.902
932.451
466.225
233.113
116.556
58.278
29.139
14.570
8x
3729.803
1864.902
932.451
466.225
233.113
116.556
58.278
29.139
4x
7459.607
3729.803
1864.902
932.451
466.225
233.113
116.556
58.278
2x
14919.214
7459.607
3729.803
1864.902
932.451
466.225
233.113
116.556
1x
29838.427
14919.214
7459.607
3729.803
1864.902
932.451
466.225
233.113
(1)
TIME (TCONV)
– given by CREG1:TIME = 0 … 7 dec, N
CLK – number of clock cycle within conversion time TCONV,
RESOL – Resolution of internal A/D conversion, GAIN = 1x given by CREG1:GAIN = 11dec up to GAIN = 2048x given by
CREG1:GAIN = 0dec (see Figure 48).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com