Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 4 Page - OSRAM GmbH

  AS73211 Datasheet HTML 1Page - OSRAM GmbH AS73211 Datasheet HTML 2Page - OSRAM GmbH AS73211 Datasheet HTML 3Page - OSRAM GmbH AS73211 Datasheet HTML 4Page - OSRAM GmbH AS73211 Datasheet HTML 5Page - OSRAM GmbH AS73211 Datasheet HTML 6Page - OSRAM GmbH AS73211 Datasheet HTML 7Page - OSRAM GmbH AS73211 Datasheet HTML 8Page - OSRAM GmbH AS73211 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
Document Feedback
AS73211
General Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 3
1
General Description
The AS73211 is a low power, low noise integrated color sensor. Three channels convert light signals
via photodiodes to a digital result and realize a continuous or triggered measurement. In front of the
three photodiodes there are optical filter mounted for X-, Y- and Z-signals respectively. The irradiance
responsivity can be set in a range of 12 steps by a factor of two for each step. The conversion time is
internally controlled over a wide range of 15 steps by a factor of two for each step. With the input pin
(SYN) the conversion time can be externally controlled to adapt the measurement to the given
environment and time base.
With its irradiance responsivity factor and conversion time the AS73211 supports an overall huge
dynamic range up to 3.43E+10 (resolution multiplied by gain range). It achieves an accuracy of up to
24-bit signal resolution (internal via I²C and shifter 16 bit) with an irradiance responsivity per count
down to 0.5pW/cm².
������������������������������������������ ������������������������������ =
������������������ ������������������������������������������������������������������ ������������������������������ = ������������������. ������������������������ ������������������������������ ������������������������������
������������������ ������������������������������������������������������������������ ������������������������������ = ������������������. ������������������������������ ������������������������������������������������������������������ ������������������
For high robustness at high sensitivity, the AS73211 has an inherent ripple rejection of the
50Hz / 60Hz external disturbances. Automatic Power Down (sleep function) between subsequent
measurements offers operation with very low current consumption. Further, a synchronized mode and
other control modes adjustable by user programming can be used. The supported operating modes of
the AS73211 are:
CMD Mode
– single measurement and conversion (controlled via I²C interface),
CONT Mode
– continuous measurement and conversion (periodically recurring measuring
cycles) start and stop controlled via I²C interface,
SYN[x] Modes - synchronized measurement and conversion:
[SYNS Mode] synchronization of start via control signal at pin SYN,
[SYND Mode] synchronization of start and stop of measuring cycles via control signal at
pin SYN.
The conversion data is accessed by the I²C interface with programmable slave addresses via
16-bit / 400 kHz fast mode. The measurement of the actual conversion time for an external triggered
measurement can be performed. The measurement modes will not affect the settings of the irradiance
responsivity and conversion time. Further, the converter supports functions like Power Down and
Standby, therefore it is suitable for mobile applications. Based on the high flexibility the AS73211 is
suitable as an optical converter for three different wave-lengths. The device achieves a high dynamic
range in back light applications and in the measurements of integral intensity of pulsed light. That
makes the color sensors excellently suited for photometry applications (brightness, color coordinate
and/or color temperature), for determining current values for control of spectrally mixed LED light
sources or as sensors for display and (back)light calibration and mobile devices for light
measurement. The AS73211 contains an integrated temperature sensor for rough compensation of
the thermic behavior of light sources. The device is available in a small SMD package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com