Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 26 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 22Page - OSRAM GmbH AS73211 Datasheet HTML 23Page - OSRAM GmbH AS73211 Datasheet HTML 24Page - OSRAM GmbH AS73211 Datasheet HTML 25Page - OSRAM GmbH AS73211 Datasheet HTML 26Page - OSRAM GmbH AS73211 Datasheet HTML 27Page - OSRAM GmbH AS73211 Datasheet HTML 28Page - OSRAM GmbH AS73211 Datasheet HTML 29Page - OSRAM GmbH AS73211 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 25
Figure 23:
Principle Sequence of CONT Mode
– if CREG3:SB is Set to ‚1’
Another example shows, that after the end of a conversion in CMD mode the AS73211 returns to
Power Down and/or Standby state depending on the bits OSR:PD and CREG3:SB. In case of both
bits are ‚0‘ while in Measurement state the device would return to idle, waiting for the next
measurement to start. Figure 24: Principle sequence whereas measurement starts in CMD mode with
Power Down and Standby switched on (device is already in Measurement state):
a)
CREG3 programming: bit CREG3:SB = ‚1‘ was set in Configuration state (not shown),
b)
OSR programming: C0h, “startup” and “wake-up” before conversion starts,
c)
“Automatically” OSR programming: 43h, the end of conversion resets bit OSR:SS, return
to Power Down.
Figure 24:
Principle Sequence Whereas Measurement is Started in CMD Mode with Power Down, Standby
Switched On
STANDBY
MRES1 …
MRES3
READY
STATE
I²C activity
MEASUREMENT 1
data
fetch
RESULTS 1
RESULTS 2
data
fetch
TBREAK
MEASUREMENT 2
MEASUREMENT 3
TCONV
TCONV
OSR
83h
TSTARTSB
TSTARTSB
STANDBY
PAUSE
STANDBY
PAUSE
RESULTS
POWDOWN
POWDOWN
SB
MEASUREMENT
TCONV
MRES1 …
MRES3
READY
STATE
I²C activity
start (OSR:SS ← ’1')
b)
TSTARTPD
TSTARTSB
data
fetch
clear (OSR:SS ← ’0')
c)
STANDBY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com