Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 46 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 46 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 42Page - OSRAM GmbH AS73211 Datasheet HTML 43Page - OSRAM GmbH AS73211 Datasheet HTML 44Page - OSRAM GmbH AS73211 Datasheet HTML 45Page - OSRAM GmbH AS73211 Datasheet HTML 46Page - OSRAM GmbH AS73211 Datasheet HTML 47Page - OSRAM GmbH AS73211 Datasheet HTML 48Page - OSRAM GmbH AS73211 Datasheet HTML 49Page - OSRAM GmbH AS73211 Datasheet HTML 50Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
Document Feedback
AS73211
Register Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 45
Figure 45:
Operational State Register (OSR) ¬
– Address 0h
OPERATIONAL
STATE
REGISTER
NAME
VALUE [b]
OPERATIONAL STATE
bit 7
SS
0 (1)
Stop of the measurement
1
Start of the measurement (only possible with DOS =
MEASUREMENT)
bit 6
PD
0
Power Down state switched OFF
1 (2)
Power Down state switched ON
bit 5 and 4
Reserved (3)
bit 3 (4)
SW_RES
0 (5)
-
1
Software reset
bit 2 to 0
Device Operational
State (6)
(DOS)
00X
NOP (no change of DOS)
010 (7)
Operational state: CONFIGURATION
011
Operational state: MEASUREMENT
1XX
NOP (no change of DOS)
(1)
Default value after power-on reset, software reset and change into Configuration state.
(2)
Default value after power-on reset and software reset.
(3)
The read value is always 00b as well as the recommended write value.
(4)
Bit 3 (SW_RES) is only active during write access, a read
access always returns ‚0‘.
(5)
Default value after power-on reset and software reset
(6)
The OSR result of a register read process always returns 010b or 011b for the DOS bits.
(7)
Default value after power-on-reset, software reset or after mode change from measurement mode to configuration
mode.
DOS switches the operational state of the AS73211 between configuration and measurement. The
configuration state enables the access to the control register bank (Figure 44) and no measurement
takes place. The measurement the access to the result registers can only be performed in the
measurement state. Then any access to the control register bank (except OSR) is not possible. If the
operational state is switched back to the configuration state by DOS = 010b, the control registers keep
their values. The measurement result registers are cleared. Any ongoing measurement is stopped
immediately. The DOS sequence “NOP” (00Xb or 1XXb) does not change the operational state, but
the values of the other written OSR bits are effective.
SW_RES = ‚1‘ causes a software reset of the AS73211. A running measurement is stopped
immediately and the AS73211 is set to configuration state. All registers are reset to their initial values.
The start of a measurement is controlled by the value of bit SS. This bit is only interpreted in the
measurement state.
The Power Down state is controlled by the value of bit PD.
The Power Down takes effect in both operational states: configuration and measurement. If the Power
Down state is switched on while the device is in measurement state, the power down is only
performed during the breaks between two conversions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com