Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 16Page - OSRAM GmbH AS73211 Datasheet HTML 17Page - OSRAM GmbH AS73211 Datasheet HTML 18Page - OSRAM GmbH AS73211 Datasheet HTML 19Page - OSRAM GmbH AS73211 Datasheet HTML 20Page - OSRAM GmbH AS73211 Datasheet HTML 21Page - OSRAM GmbH AS73211 Datasheet HTML 22Page - OSRAM GmbH AS73211 Datasheet HTML 23Page - OSRAM GmbH AS73211 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 19
Figure 17 shows the principle sequence for a measurement start in CMD mode coming from
Configuration state and waiting in Measurement state between the measurements is shown as IDLE:
1.
OSR programming: 83h, change to Measurement state, start of measurement via
OSR:SS =
‚1‘,
2.
“Automatically” OSR programming: 03h, to reset bit OSR:SS to ‚0‘ at the end of conversion.
Figure 17:
Principle Sequence for a Measurement Start in CMD Mode Coming From Configuration State
7.7
Synchronous Measurement Mode
– SYNS
In this measurement mode, the input pin SYN acts as a trigger event for the start of A/D conversion.
The falling edge at pin SYN starts the measurement. The conversion time (TCONV) is determined by
the content of the register CREG1:TIME (see Figure 48). The pin READY signalizes the progress of
conversion (see Figure 18) and its rising edge shows the end of conversion and its available valid
results. The data fetch should be performed between the rising edge of signal READY and the next
falling edge of signal SYN in order to allow distortion free measurement. SYN pulses during the
programmed pause time TBREAK are ignored to avoid a start of the measurement during a running
data fetch (see also Figure 52). The bit OSR:SS also takes effect in the SYNS mode, because the
start of the measurement is only possible with OSR:SS = ‚1‘.
Figure 18 shows the principle sequence for a measurement start in SYNS mode, OSR:DOS = 011b
and OSR:SS = ‚1‘ already set and waiting in Measurement state is shown as IDLE.
IDLE
MEASUREMENT 2
RESULTS 1
MEASUREMENT 1
CONFIGURATION
IDLE
TCONV
data
fetch
MRES1 …
MRES3
READY
STATE
I²C activity
RESULTS 2
TCONV
data
fetch
OSR:DOS = 011b
start (OSR:SS ← ,1')
a)
clear (OSR:SS ← ,0')
b)
start (OSR:SS ← ,1')



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com