Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 19Page - OSRAM GmbH AS73211 Datasheet HTML 20Page - OSRAM GmbH AS73211 Datasheet HTML 21Page - OSRAM GmbH AS73211 Datasheet HTML 22Page - OSRAM GmbH AS73211 Datasheet HTML 23Page - OSRAM GmbH AS73211 Datasheet HTML 24Page - OSRAM GmbH AS73211 Datasheet HTML 25Page - OSRAM GmbH AS73211 Datasheet HTML 26Page - OSRAM GmbH AS73211 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 22
In case of the Device Operational State (DOS) is set to Measurement mode the start/stop of a
measurement is possible by setting the OSR:SS bit and reading of measurement data. The Power
Down can be switched on and off by the bit OSR:PD (Figure 1). Switching on Power Down via bit
OSR:PD = ‚1‘ the AS73211 changes to the Power Down state after the end of an ongoing
measurement. Switching off Power Down (OSR:PD = ‚0‘) results in a change to the Idle state (IDLE for
waiting) or Standby state depending on bit CREG3:SB. This change to another operational state is
delayed by the startup time TSTARTPD of typically 1.2ms. A conversion can start in all measurement
modes
while the Power Down state is activated (OSR:PD = ‚1‘). In the measurement modes CMD and
CONT it is done by se
tting the bit OSR:SS to ‚1‘. In addition, the falling edge of the signal at pin SYN
for the measurement modes SYNS and SYND initiate the start. In all cases, the start of conversion is
delayed by the startup time TSTARTPD. After the conversion in the CMD, SYNS and SYND modes
the AS73211 changes back into the Power Down state, whereas the measurement of the CONT mode
is interactive until it is stopped by setting bit OSR:SS = to ,0‘ before it changes back into the Power
Down state.
There are two methods for startup the AS73211:
1.
After applying the power supply voltage including power-on reset or after software reset the bit
OSR:PD must be set to ‚0‘ via I²C interface communication. The analog part and the internal
clock system starts to work along the defined configuration of the AS73211. Nevertheless, it is
still possible to change the configuration in front of time b) of Figure 20. The Device Operational
State changes to Measurement state to start the measurement (OSR:SS = ‚1‘) without further
delay caused by energy saving options.
Figure 20 shows the principle sequence after power-on reset and separated writing of the bits
OSR:PD, OSR:DOS and OSR:SS:
a)
OSR programming: 02h, after TSTARTPD continuing within Configuration state only,
b)
OSR programming: 03h, change to Measurement state
– waiting is shown as IDLE.
Figure 20:
Principle Sequence After Power-On Reset and Separated Writing of the Bits OSR:PD, OSR:DOS
and OSR:SS
POWDOWN
MEASUREMENT
CONFIGURATION
IDLE
STATE
TSTARTPD
I²C activity
Start
OSR:SS ← ‚1'
c)
OSR:DOS
011b
b)
OSR:PD ← ‚0'
a)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com