Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 7Page - OSRAM GmbH AS73211 Datasheet HTML 8Page - OSRAM GmbH AS73211 Datasheet HTML 9Page - OSRAM GmbH AS73211 Datasheet HTML 10Page - OSRAM GmbH AS73211 Datasheet HTML 11Page - OSRAM GmbH AS73211 Datasheet HTML 12Page - OSRAM GmbH AS73211 Datasheet HTML 13Page - OSRAM GmbH AS73211 Datasheet HTML 14Page - OSRAM GmbH AS73211 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
Document Feedback
AS73211
Electrical Characteristics
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 10
5
Electrical Characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed with production
tests or SQC (Statistical Quality Control) methods. All voltages with respect to ground (GND). Device
parameter are guaranteed at VDD=3.3V and TA=25°C unless otherwise noted.
Figure 6:
Electrical Characteristics of AS73211
Symbol
Description
Condition
Min
Typ
Max
Unit
TOP
Operating Temperature
-40
125
°C
VDD
Power Supply Voltage
VDDA and VDDD
2.7
3.3
3.6
V
DIFFVDD
Supply Voltage Difference
VDDD-VDDA
-0.3
0
0.3
V
REXT
External Resistor at Pin REXT
REXT
(TCREXT ≤ 50ppm/K)
3.267
3.3
3.333
MΩ
IVDD
Current Consumption
Active mode during
measurement
1.5
2
mA
IVDDSB
Standby Current Consumption
Standby state
800
µA
IVDDPD
Power Down Current Consumption
Power down state
1
µA
VIH
Input High Level
A0, A1, SCL, SYN
0.7
VDDD
VIL
Input Low Level
A0, A1, SCL, SYN
0.3
VDDD
VOH
Output High Level
READY
IOHL ≤ 3mA
0.8
VDDD
VOL
Output Low Level
SDA, READY
IOHL ≤ 4mA
0.4
V
SDA, READY
IOHL ≤ 4mA
0.6
V
IOHL
Output Drive Strength
Concerning to
VOH and VOL
3
6
mA
IILEAK
Input Leakage Current
VSSD ≤ VIN ≤ VDDD
-10
10
µA
fCLKMIN
Min. Internal Clock Frequency
CREG3:CCLK = 00b
0.75
1
1.3
MHz
fCLKMAX
Max. Internal Clock Frequency
CREG3:CCLK = 11b
6
8.2
10
MHz
TSTARTSB
Startup Time after Standby state
Until start of first
measurement
4
5
µs
TSTARTPD
Startup Time after Power Down
state
Until start of first
measurement
1.2
2
ms
TSYNDEL
SYN Trigger Delay
From falling SYN-edge
to start of
measurement
3
1/fCLK
TSYN
SYN Negative or Positive Pulse
Width
SYN recognized as
start or end pulse of
measurement
3
1/fCLK
T_abs_err
Temperature Absolute Error
-10
10
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com