Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 53 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 53 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 49Page - OSRAM GmbH AS73211 Datasheet HTML 50Page - OSRAM GmbH AS73211 Datasheet HTML 51Page - OSRAM GmbH AS73211 Datasheet HTML 52Page - OSRAM GmbH AS73211 Datasheet HTML 53Page - OSRAM GmbH AS73211 Datasheet HTML 54Page - OSRAM GmbH AS73211 Datasheet HTML 55Page - OSRAM GmbH AS73211 Datasheet HTML 56Page - OSRAM GmbH AS73211 Datasheet HTML 57Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
Document Feedback
AS73211
Register Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 52
Figure 52:
Register OPTREG
– Address Bh
OPTREG
NAME
VALUE [b]
N
bit 7 to 1
-
0111001 (1)
Reserved
bit 0
INIT_IDX
0
Defining the index address is only possible via write
sequence and not affected by I²C STOP condition, which
is necessary, if the I²C master does not support the I²C
Repeated START condition.
1 (2)
Each I²C STOP condition sets the internal register
address to the default value. After writing an index
address, it is possible to change the data direction for
reading using I²C Repeated START condition.
(1)
Default value after power-on reset and software reset, but different, not relevant values after changing CREG1:GAIN or
CREG3:CCLK. The recommended write value is 0000000b in case of OPTREG:INIT_IDX should be changed.
(2)
Default value after power-on reset and software reset.
8.8
Output Register Bank
All output result registers are 16-bit registers. The registers read access is only possible if state
Measurement is activated. One exception offers register OSR, which is writable too. In that case one
byte is assigned to address 0h (see also chapter “Operational State Register – OSR”). But the reading
access of address 0h in Measurement state results in a first byte for OSR information and a second
byte for STATUS information.
Figure 53:
Output Result Register Bank
ADDRESS
(1)
[hex]
ACCESS
(2)
NAME
NUMBER
OF BITS
DESCRIPTION
0
rw
OSR
8 (1)
Operational State Register
ro
STATUS
8 (1)
Status Register
1
ro
TEMP
16 (2)
Temperature Measurement Result (0h + 12bits for the
value)
2
ro
MRES1
16 (2)
Measurement Result X-Channel
3
ro
MRES2
16 (2)
Measurement Result Y-Channel
4
ro
MRES3
16 (2)
Measurement Result Z-Channel
5
ro
OUTCONVL
16 (2)
Time reference, result of conversion time measurement
(least significant byte and middle byte)
6
ro
OUTCONVH
16 (2)
Time reference, result of conversion time measurement
(most significant byte and one empty byte with 00h)
(1)
Reading access of address 0h in measurement state results in a first byte for OSR information and a second byte for
STATUS information.
(2)
Least Significant Byte comes first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com