Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 17Page - OSRAM GmbH AS73211 Datasheet HTML 18Page - OSRAM GmbH AS73211 Datasheet HTML 19Page - OSRAM GmbH AS73211 Datasheet HTML 20Page - OSRAM GmbH AS73211 Datasheet HTML 21Page - OSRAM GmbH AS73211 Datasheet HTML 22Page - OSRAM GmbH AS73211 Datasheet HTML 23Page - OSRAM GmbH AS73211 Datasheet HTML 24Page - OSRAM GmbH AS73211 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 20
Figure 18:
Principle Sequence for a Measurement Start in SYNS Mode,
OSR:DOS = 011b and OSR:SS = ‚1‘
7.8
Synchronous Measurement Start and End Mode
– SYND
In this mode, the signal at pin SYN controls the start and stop of a measurement completely. When
the device is waiting in Measurement state and OSR:SS is set to ‚1‘ the first falling edge at pin SYN
starts the measurement. Each following falling edge of signal SYN, which occurs within the conversion
time, can continue or stop the measurement. The content of the register EDGES determines, which
edge is the stopping one. That means the measurement will not stop until a certain number of falling
edges at pin SYN passed within the conversion time. The value of register EDGES determines the
number of edges (see Figure 19
and chapter “Register - EDGES”). Figure 19 shows the principle
sequence for a measurement start in SYND mode. While waiting in Measurement state is shown as
IDLE, after OSR:SS is set to ‚1‘ (see Figure 45) the AS73211 waits for signal SYN to start. The
conversion time is set to 06h in register EDGES, during the pause time TBREAK falling edges at pin
SYN are ignored.
IDLE
STATE
MRES1 …
MRES3
READY
I²C activity
SYN
IDLE
start
MEASURMENT 2
PAUSE
MEASUREMENT 1
data
fetch
RESULTS 1
TCONV
start
TBREAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com