Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 29 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 29 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 25Page - OSRAM GmbH AS73211 Datasheet HTML 26Page - OSRAM GmbH AS73211 Datasheet HTML 27Page - OSRAM GmbH AS73211 Datasheet HTML 28Page - OSRAM GmbH AS73211 Datasheet HTML 29Page - OSRAM GmbH AS73211 Datasheet HTML 30Page - OSRAM GmbH AS73211 Datasheet HTML 31Page - OSRAM GmbH AS73211 Datasheet HTML 32Page - OSRAM GmbH AS73211 Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 28
Figure 28:
Principle Sequence of Measurement in SYND Mode Ready for Wake-Up After Switch Off Power
Down State
7.13
Transfer Function
In generally the implemented A/D converter represents a delta-sigma converter, which performs
charge balancing between the input light at the photodiodes and an internal reference. The input
currents of the photodiodes result in pulse density modulated digital signals, further filtered by
counters up to 24 bits. At the end,
each channel’s counter status represents a digital equivalent of the
average input light irradiance regarding to the channe
l’s sensor area within the conversion time
interval. The input light irradiance can be calculated from the measurement result by:
Equation 1:
MRES
N
FSR
R
MRES
E
CLK
E
e
e
e
Equation 2:
MRES
f
T
FSR
E
CLK
CONV
E
e
e
STANDBY
SB
PAUSE
MEASUREMENT 2
C
STATE
READY
TCONV
MEASUREMENT 1
TSTARTSB
TBREAK
MRES1 …
MRES3
RESULTS 1
I²C activity
data
fetch
RESULT 1
OSR
83h
start
1.
2.
3.
4.
5.
6.
start
2.
3.
SYN
1.
TSTARTSB
CONFIGURATION
STANDBY
OUTCONV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com