Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 10Page - OSRAM GmbH AS73211 Datasheet HTML 11Page - OSRAM GmbH AS73211 Datasheet HTML 12Page - OSRAM GmbH AS73211 Datasheet HTML 13Page - OSRAM GmbH AS73211 Datasheet HTML 14Page - OSRAM GmbH AS73211 Datasheet HTML 15Page - OSRAM GmbH AS73211 Datasheet HTML 16Page - OSRAM GmbH AS73211 Datasheet HTML 17Page - OSRAM GmbH AS73211 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
Document Feedback
AS73211
Typical Optical Characteristics
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 13
6
Typical Optical Characteristics
The filter response curves based on the CIE 1931 standard are shown in the figure below.
Figure 11:
Typical Spectral Sensitivity of XYZ True Color Sensor AS73211
(1)
Typical characteristic sensitivity. Spectral tolerance filter curve
Δλ(λ) typ. <±1%*λ determined by the deviation between
the filter curve’s centroid wavelength and the CIE 1931 2° Standard Observer centroid wavelength.
(2)
See chapter 13.2 Angle of Incidence
Figure 12:
Photodiode Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com