Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 37 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 37 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 33Page - OSRAM GmbH AS73211 Datasheet HTML 34Page - OSRAM GmbH AS73211 Datasheet HTML 35Page - OSRAM GmbH AS73211 Datasheet HTML 36Page - OSRAM GmbH AS73211 Datasheet HTML 37Page - OSRAM GmbH AS73211 Datasheet HTML 38Page - OSRAM GmbH AS73211 Datasheet HTML 39Page - OSRAM GmbH AS73211 Datasheet HTML 40Page - OSRAM GmbH AS73211 Datasheet HTML 41Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 36
In the SYND mode, the maximum value of the conversion result depends on the external controlled
conversion time. This maximum achievable count is equal to OUTCONV and differs from the full-scale
count achievable in CMD, CONT and SYNS mode.
The value of CREG1:TIME defines the number of clock counts during the conversion time. It defines
the conversion time duration and maximal resolution of the A/D conversion. This is valid for the CONT,
CMD and SYNS mode.
In the SYND mode the value of CREG1:TIME does not have any meaning for the conversion time
duration, because this time is externally defined.
For values of CREG1:TIME higher than 6dec (0110b) TCONV becomes bigger than 216, which results in
A/D conversions with a higher resolution starting from 17 bit up to 24 bit. Only the least 16 significant
bits are further processed and stored in the result registers. Using the implemented divider (see
chapter
”Divider”) helps to access the upper 8 bits, too.
The value of CREG1:GAIN defines the A/D converter’s gain (see Figure 48 and FSR values in Figure
29 to Figure 34
), which determines the sensor’s irradiance responsivity Re. The values of
CREG1:GAIN of the referred tables are only valid for a clock frequency fCLK of 1MHz. For higher clock
frequencies, some gain increments are not accessible. Figure 45 shows the valid gains in dependency
of the chosen internal system clock via CREG3:CCLK.
Figure 35:
Achievable GAIN for Different Internal Clock Frequencies Chosen by CREG3:CCLK
CREG3:CCLK
[dec]
0
1
2
3
fCLK [MHz]
1.024
2.048
4.096
8.192
CREG1:GAIN [dec]
adjustable GAIN
0
2048x
1024x
512x
256x
1
1024x
2
512x
512x
3
256x
256x
256x
4
128x
128x
128x
64x
5
64x
64x
64x
6
32x
32x
32x
16x
7
16x
16x
16x
8
8x
8x
8x
4x
9
4x
4x
4x
10
2x
2x
2x
1x
11
1x
1x
1x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com