Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 42 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 42 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 38Page - OSRAM GmbH AS73211 Datasheet HTML 39Page - OSRAM GmbH AS73211 Datasheet HTML 40Page - OSRAM GmbH AS73211 Datasheet HTML 41Page - OSRAM GmbH AS73211 Datasheet HTML 42Page - OSRAM GmbH AS73211 Datasheet HTML 43Page - OSRAM GmbH AS73211 Datasheet HTML 44Page - OSRAM GmbH AS73211 Datasheet HTML 45Page - OSRAM GmbH AS73211 Datasheet HTML 46Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 41
Figure 40:
I²C Write and Read Sequences
7.18
I²C Write Protocol
The start byte consists of the slave address followed by the bit R/W set to ‚0‘ for the write direction.
The first byte after the start byte is always the device (see Figure 43) sends the address pointer to the
internal register, which the master wants to write and acknowledge. When the master sends the next
byte, it is stored in the internal register addressed before by the address pointer (REG ADDR.). Then
acknowledge is sent by the device and it internally increments the address pointer to the next internal
register address. Each next data byte, which is transferred by the master, is sequentially stored in the
internal register.
If the master generates a stop condition, the transfer is aborted and a new write sequence must be
started from the beginning.
7.19
I²C Read Protocol
The start byte consists of the slave address followed by the bit R/W set to ‚0‘ for the write direction.
The first byte after the start byte is always the device (see Figure 40) sends the address pointer to the
internal register, which the master wants to read and acknowledge. After that, the master sends a
repeated start condition and repeats the slave address but with the bit R/W reversed. Acknowledge is
sent by the slave, which starts the data transfer to the master. The first transferred byte is the content
of the internal register, which was pointed by the address pointer. The master acknowledges each
transferred byte. The internal address pointer of the AS73211 automatically increments after each
transferred register, which allows a sequentially read out of internal registers. If a not acknowledge
occurs from the master it sends the stop condition next and the transfer is finished.
read sequence:
P: STOP cond.
S SLAVE ADDR. R/W A
0
REG ADDR. A
A: acknowledge
NA: not acknowledge
S: START cond.
Sr: repeated START cond.
DATA
A
DATA
NA P
. . .
Sr SLAVE ADDR.R/W
1
A
S: START cond.
P: STOP cond.
S SLAVE ADDR. R/W A
0
REG ADDR. A
DATA
A
DATA
A P
write sequence:
. . .
data transferred from slave to master
data transferred from master to slave
A: acknowledge
DATA
A
DATA
NA P
. . .
S SLAVE ADDR. R/W
1
A
short read sequence:
S: START cond.
P: STOP cond.
A: acknowledge
data transferred from slave to master
data transferred from master to slave
data transferred from slave to master
data transferred from master to slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com