Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 50 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 50 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 46Page - OSRAM GmbH AS73211 Datasheet HTML 47Page - OSRAM GmbH AS73211 Datasheet HTML 48Page - OSRAM GmbH AS73211 Datasheet HTML 49Page - OSRAM GmbH AS73211 Datasheet HTML 50Page - OSRAM GmbH AS73211 Datasheet HTML 51Page - OSRAM GmbH AS73211 Datasheet HTML 52Page - OSRAM GmbH AS73211 Datasheet HTML 53Page - OSRAM GmbH AS73211 Datasheet HTML 54Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
Document Feedback
AS73211
Register Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 49
Figure 49:
Configuration Register 2 (CREG2)
– Address 7h
CREG2
NAME
VALUE [b]
CONFIGURATION
bit 7
Reserved (1)
bit 6
EN_TM
0
In combination with SYND mode the internal
measurement of the conversion time is disabled and no
temperature measurement takes place.
1 (2)
Internal measurement of the externally defined conversion
time via SYN pulse in SYND mode is enabled (OUTCONV
results are generated as well as temperature values for
output register TEMP).
bit 5 to 4
Reserved (1)
bit 3
EN_DIV
0 (2)
Digital divider of the measurement result registers is
disabled
1
Digital divider of the measurement result registers is
enabled (might be needed @ CREG1:TIME > 6 dec)
bit 2 to 0
DIV
Value of the divider (21+DIV[dec])
000 (2)
21
001
22
010
23
011
24
100
25
101
26
110
27
111
28
(1)
The default value after power-
on reset and software reset is ,0‘ as well as the recommended write value.
(2)
Default value after power-on reset and software reset.
In SYND mode, the conversion time is externally controlled via pin SYN. In that case the bit
CREG2:EN_TM enables the counting of internal clocks within the external given conversion time as
well as the access to the output register OUTCONV, which contains the counting result. It is possible
to count a number of clocks up to 24 bits. In case of this function is not used in SYND mode (equal to
CREG2:EN_TM = ,0
‘) no result for temperature measurement is generated. The values for output
register TEMP are not valid.
The bit CREG2:EN_DIV enables the internal prescaler, which could be interesting for conversion
times more than 16 bits
(CREG1:TIME ≥ 0111b) and in case of SYND mode is used. The value of
CREG2:DIV is only valid with CREG2:EN_DIV = ,1
‘. Then the measurement range is extended while
the resolution of the 16-bit register results is reduced at the same time (see Divider). Thus it is also
possible to generate complete measurement results for conversion times from 217 to 224 system clocks
(CREG1:TIME). If the chosen value of the prescaler is too small, a counter overflow could occur,
which is shown by the bit STATUS:MRESOF of the result register bank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com