Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 48 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 48 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 44Page - OSRAM GmbH AS73211 Datasheet HTML 45Page - OSRAM GmbH AS73211 Datasheet HTML 46Page - OSRAM GmbH AS73211 Datasheet HTML 47Page - OSRAM GmbH AS73211 Datasheet HTML 48Page - OSRAM GmbH AS73211 Datasheet HTML 49Page - OSRAM GmbH AS73211 Datasheet HTML 50Page - OSRAM GmbH AS73211 Datasheet HTML 51Page - OSRAM GmbH AS73211 Datasheet HTML 52Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
Document Feedback
AS73211
Register Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 47
8.4
Configuration Register - CREG1, CREG2 and CREG3
CREG1:GAIN determines the irradiance responsivity of the sensor, which is different regarding to the
channels X, Y and Z and in each case regar
ding to the used wave length λ. Internally the A/D
converter runs with different gain factors concerning to the bit CREG1:GAIN (see also Figure 35).
CREG1:TIME controls the conversion time duration as a multiple of the internal clock periods. In case
of the start and end of a measurement are controlled externally via input trigger signal at pin SYN
(equal to SYND mode), CREG1:TIME has no influence to the conversion time.
In general the registers CREG2 and CREG3 define the measurement modes and additional device
specific options.
Figure 48:
Configuration Register 1 (CREG1)
– Address 6h
CREG1
NAME
VALUE [b]
CONFIGURATION
bit 7 to 4
GAIN
INDEX
X-channel
λ = 0nm
Y-channel
λ = 555nm
Z-channel
λ = 445nm
CREG1:TIME = 1010b (1024ms)
CREG3:CCLK = 00b (1MHz)
Full Scale Range
of detectable irradiance Ee
[µW/cm²]
Effective Least Significant
Bit (LSB) of Full Scale
Range
[nW/cm²]
0000
GAINX = 2048x
0.866
0.0132
GAINY = 2048x
0.932
0.0142
GAINZ = 2048x
0.501
0.0076
0001
GAINX = 1024x
1.732
0.0264
GAINY = 1024x
1.865
0.0285
GAINZ = 1024x
1.002
0.0153
0010
GAINX = 512x
3.463
0.0528
GAINY = 512x
3.730
0.0569
GAINZ = 512x
2.003
0.0306
0011
GAINX = 256x
6.927
0.1057
GAINY = 256x
7.460
0.1138
GAINZ = 256x
4.006
0.0611
0100
GAINX = 128x
13.854
0.2114
GAINY = 128x
14.919
0.2276
GAINZ = 128x
8.012
0.1223
0101
GAINX = 64x
27.707
0.4228
GAINY = 64x
29.838
0.4552
GAINZ = 64x
16.024
0.2445
0110
GAINX = 32x
55.414
0.8456
GAINY = 32x
59.677
0.9106
GAINZ = 32x
32.048
0.4890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com