Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 43 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 43 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 39Page - OSRAM GmbH AS73211 Datasheet HTML 40Page - OSRAM GmbH AS73211 Datasheet HTML 41Page - OSRAM GmbH AS73211 Datasheet HTML 42Page - OSRAM GmbH AS73211 Datasheet HTML 43Page - OSRAM GmbH AS73211 Datasheet HTML 44Page - OSRAM GmbH AS73211 Datasheet HTML 45Page - OSRAM GmbH AS73211 Datasheet HTML 46Page - OSRAM GmbH AS73211 Datasheet HTML 47Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 42
A shortened read sequence is also possible as shown in Figure 52. With the default of the bit
OPTREG:INIT_IDX = ‚1‘ (see Figure 52) the internal address pointer starts at register address 2h if
Measurement state is activated (OSR:DOS = 011b) and if Configuration state is activated (OSR:DOS
= 010b) the internal address pointer starts at register address 0h.
7.20
I²C Addressable Register Space
Figure 41 shows the overview of the internal registers of the AS73211, which can be accessed via I²C
interface. The control register bank can only be accessed in the configuration state and the registers
are all 8 bits long. The output registers can only be accessed in the measurement state. They are
read-only registers and 16 bits long, except OUTCONV, which is 24 bits long.
OUTCONV is separated into two parts to fit
into the output register’s structure. OUTCONV_L contains
the first lower bytes and OUTCONV_H contains the most significant byte of OUTCONV in the first
byte. The second byte is 00h.
The AS73211 transfers the output data registers with the least significant byte first. The output register
data transfer can start at any address. If during the sequential data read the highest possible address
is achieved (CREG2:EN_TM = ‚0‘: address 4h; CREG2:EN_TM = ‚1‘: address 6h), the internal pointer
is reset to the address 2h so that the next transferred data byte corresponds to the low byte of
MRES1. However, the maximum number of output data transferred must not exceed a total number of
bytes accessible at all (6 bytes if conversion time measurement (CREG2:EN_TM) is not activated
otherwise 10 bytes). The register OUTCONV is only available in case of bit CREG2:EN_TM is set to
‚1‘.
Figure 41:
Register Overview
ADDRESS
(1)
[hex]
ACCESS IN CONFIGURATION STATE
ACCESS IN MEASUREMENT STATE
WRITE
READ
WRITE (1 BYTE)
READ (2 BYTES)
0
OSR
OSR
OSR + STATUS
1
–
–
TEMP
2
–
–
–
MRES1 (X)
3
–
–
MRES2 (Y)
4
–
–
MRES3 (Z)
5
–
–
OUTCONV_L (2)
6
CREG1
–
OUTCONV_H (2)
7
CREG2
–
–
8
CREG3
–
–
9
BREAK
–
–
A
EDGES
–
–
B
OPTREG
–
–
(1)
The 4 MSB bits of the register address are ignored.
(2)
OUTCONV is only available in SYND measurement mode with bit CREG2:EN_TM = ‚1‘. The least significant byte
comes first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com