Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 30 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 26Page - OSRAM GmbH AS73211 Datasheet HTML 27Page - OSRAM GmbH AS73211 Datasheet HTML 28Page - OSRAM GmbH AS73211 Datasheet HTML 29Page - OSRAM GmbH AS73211 Datasheet HTML 30Page - OSRAM GmbH AS73211 Datasheet HTML 31Page - OSRAM GmbH AS73211 Datasheet HTML 32Page - OSRAM GmbH AS73211 Datasheet HTML 33Page - OSRAM GmbH AS73211 Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 29
MRES: Digital output value of the conversion (content of output registers MRES1 to MRES3)
Ee: Input light irradiance regarding to the photodiode’s area within the conversion time interval
FSREe: Full Scale Range of detectable input light irradiance Ee
Re: Irradiance responsivity (see Figure 14)
TCONV: Conversion time interval
NCLK: Number of clock cycles within the conversion time interval TCONV (see Figure 13)
fCLK: Clock frequency
In the CONT, CMD and SYNS modes the conversion time TCONV is internally generated1.In the SYND
mode the conversion time is defined by the timing of the external pulses at SYN pin and the number of
pulses stored in the register EDGES (see Figure 19
chapter “Conversion time measurements in SYND
mode” and chapter “Register - EDGES”).
The number of clock counts within this interval is a constant number, which keeps the output result
independent of the internal clock frequency. In this case the input light irradiance Ee regarding to the
photodiodes area of the channel can be represented by the Equation 1. In SYND mode, the Equation
2 represents the externally generated conversion time TCONV and the conversion result. If the
conversion time measurement is activated (CREG2
:EN_TM = ‚1‘) the number of clock counts within
the externally given conversion time can also be internally captured. So the input light irradiance Ee
regarding to the photodiode’s area of the channel can be calculated as:
Equation 3:
MRES
OUTCONV
FSR
E
e
E
e
MRES: Digital output value of the conversion (content of output registers MRES1 to MRES3)
Ee: Input light irradiance regarding to the photodiode’s area within the conversion time interval
FSREe: Full Scale Range of detectable input light irradiance Ee
OUTCONV: Conversion time duration expressed as the number of clock counts within this time.
In this way, the input light irradiance can be measured independently of the internal frequency and
furthermore external conversion time variations in SYND mode.
The calculation of the input light irradiance by Equation 3 is more precise than the result of Equation 2
because the tolerances of the clock frequency fCLK are eliminated. The irradiance responsivity Re and
1 The system clock is internally generated and is subject to technological tolerances. So the clock frequency may vary, which
must be considered when calculating the time to be programmed (e. g. registers BREAK for pause time TBREAK or
CREG1:TIME for conversion time TCONV).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com