Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 8Page - OSRAM GmbH AS73211 Datasheet HTML 9Page - OSRAM GmbH AS73211 Datasheet HTML 10Page - OSRAM GmbH AS73211 Datasheet HTML 11Page - OSRAM GmbH AS73211 Datasheet HTML 12Page - OSRAM GmbH AS73211 Datasheet HTML 13Page - OSRAM GmbH AS73211 Datasheet HTML 14Page - OSRAM GmbH AS73211 Datasheet HTML 15Page - OSRAM GmbH AS73211 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
Document Feedback
AS73211
Electrical Characteristics
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 11
Figure 7:
I
2C Slave Timing Characteristics of AS73211
Symbol
Description
Condition
Min
Typ
Max
Unit
fSCL
I²C Clock Frequency at SCL
RPULLUP ≥ 820Ω
CL(SCL, SDA) ≤ 400pF
400
kHz
tHIGH
SCL High Pulse Width
0.6
µs
tLOW
SCL Low Pulse Width
1.3
µs
tR
SCL and SDA Rise Time
0.3
µs
tF
SCL and SDA Fall Time
0.3
µs
tHD;STA
Hold Time Start Condition
0.6
µs
tSU;SDA
Setup Time Start Condition
0.6
µs
tHD;DATM
SDA Data Hold Time (Master)
Data transfer from
master to slave
0.02
µs
tHD;DATS
SDA Data Hold Time (Slave)
Data transfer from
slave to master
0.3
0.9
µs
tSU;DAT
Data Setup Time
0.1
µs
tSU;STO
Setup Time Stop Condition
0.6
µs
tBUF
Bus Free Time between a Stop
and a Start Condition
1.3
µs
Figure 8:
I
2C Slave Timing Diagram
Figure 9:
ADC Specification of AS73211
Symbol
Description
Condition
Min
Typ
Max
Unit
RES
ADC Resolution
10
24
bit
TCONV
Conversion Time
CREG3:CCLK = 00b
fCLKMIN
1
16384
ms
CREG3:CCLK = 11b
fCLKMAX
0.125
2048
ms
∆T
CONV
Conversion Time Tolerance
Related to fCLK
-25
25
%
INL
Integral Nonlinearity
-0.02
0.02
%
DNL
Differential Nonlinearity
No missing codes
-0.5
0.5
LSB
DFSR
Full Scale ADC Code
Per channel
1024
65535
counts
P
S
Sr
S
tSU;STA
tHD;STA
tBUF
tSU;STO
S = start condition
Sr = repeated start condition
P = stop condition
tR
tF
tHIGH
tLOW
tHD;DAT
tSU;DAT
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com