Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 38 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 38 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 34Page - OSRAM GmbH AS73211 Datasheet HTML 35Page - OSRAM GmbH AS73211 Datasheet HTML 36Page - OSRAM GmbH AS73211 Datasheet HTML 37Page - OSRAM GmbH AS73211 Datasheet HTML 38Page - OSRAM GmbH AS73211 Datasheet HTML 39Page - OSRAM GmbH AS73211 Datasheet HTML 40Page - OSRAM GmbH AS73211 Datasheet HTML 41Page - OSRAM GmbH AS73211 Datasheet HTML 42Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 37
During the measurement cycle within the conversion time TCONV an input signal overdriving must be
avoided, even if it occurs limited in time related to TCONV. In this case, the input light is too much
concerning the chosen irradiance responsivity Re of the AS73211 tolerates. An internal function of the
analog conversion monitors all channels during the conversion process in terms of the relation of input
light and chosen irradiance responsivity Re determined via CREG1:GAIN. In case the input light of at
least one of the channels is too much, the status bit STATUS:ADCOF (see Figure 54) is set to
signalize the problem and the chosen GAIN of the A/D converter (CREG1:GAIN) has to be decreased
for reducing the irradiance responsivity Re of the sensor.
7.14
Divider
For the purpose to expand the measurement ranges, an internal implemented divider or prescaler can
be used to scale the results. This might be necessary if the resolution of the conversion is set to a
value higher than 16 bits. If the digital divider is used the conversion result is downscaled according to:
Equation 4:
MRES
N
FSR
R
MRES
E
DIV
CLK
E
e
DIV
e
e
[dec]
1
[dec]
1
2
2
MRES: Digital output value of the conversion (content of output registers MRES1 to MRES3)
Ee: Input light irradiance regarding to the photodiode’s area within the conversion time interval
FSREe: Full Scale Range of detectable input light irradiance Ee
Re: Irradiance responsivity (see Figure 48)
NCLK: Number of clock cycles within the conversion time interval TCONV (see Figure 48)
2
1+DIV[dec]: V
alue of the divider factor respectively prescaler (CREG2:DIV = 7…0), see Figure 49.
The A/D converters of the AS73211 operate with a resolution of 24 bits, but their results are only
provided as 16-bit wide values. The divider allows to read out the otherwise not available upper 8 bits,
depending on the value of CREG2:DIV, if CREG2:EN_DIV is set to ‚1‘.
Therefore, the divider acts as feature to digitally downscale the converter gain, but with a larger full
scale range (FSR). The effective dynamic range of the device is increased without changing the
conversion time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com