Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 39 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 39 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 35Page - OSRAM GmbH AS73211 Datasheet HTML 36Page - OSRAM GmbH AS73211 Datasheet HTML 37Page - OSRAM GmbH AS73211 Datasheet HTML 38Page - OSRAM GmbH AS73211 Datasheet HTML 39Page - OSRAM GmbH AS73211 Datasheet HTML 40Page - OSRAM GmbH AS73211 Datasheet HTML 41Page - OSRAM GmbH AS73211 Datasheet HTML 42Page - OSRAM GmbH AS73211 Datasheet HTML 43Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 38
Figure 36:
Relation of the Measurement Result to the Conversion Time Without Divider Respectively
Prescaler
Figure 36 shows the width of the register for the conversion time (OUTCONV), which represents the
internal resolution of the A/D conversion. Furthermore the measurement result (MRES[1…3]) is
shown, which is 16 bits wide. For all conversion times from 210 to 216 there is no need to use the
divider, because OUTCONV is limited to the conversion time length.
For conversion times bigger than 216 the conversion result is longer than 16 bits. Without the function
of the divider, the result contains always the 16 least significant bits. Now the divider makes it possible
to access most significant bits by shifting the 16-bit resolution of the measurement result over the
possible range of the resolution given by the conversion time register (OUTCONV).
Figure 37 shows an example, where CREG2:DIV = 2dec and therefore the divider factor is 23. MRES
corresponds now to the bits 18 to 3 of register OUTCONV and therefore the Least Significant Bits and
the Full Scale Range are 8 times higher than in case of the divider is not used.
Figure 37:
Relation of the Measurement Result to the Conversion Time with Enabled and Set Divider
7.15
Conversion Time Measurement in SYND Mode
In case of SYND measurement mode the conversion time is fully controlled by the external signal at
pin SYN. The relative deviation of this time to the internal clock frequency2 can produce some
deviations in the conversion result. However, this time can be measured in time units of the internal
system clock extended up to 24 bits. It gives the opportunity to recalculate the measured input light
more precisely (see chapter “Transfer Function”). Even further, the measurement result can be
compensated for any deviation, which can occur in the clock frequency due to temperature or supply
2 The system clock is internally generated and is subject to technological tolerances, which means that clock frequencies of
different devices may vary
0
12 11 10 9 8 7 6 5 4 3 2
1
19 18 17 16 15 14 13
20
23 22 21
0
12 11 10 9 8 7 6 5 4 3 2
1
15 14 13
OUTCONV
MRES
CREG2:EN_DIV = ‚0'
0
12 11 10 9 8 7 6 5 4 3 2
1
19 18 17 16 15 14 13
20
23 22 21
0
12 11 10 9 8 7 6 5 4 3 2
1
15 14 13
OUTCONV
MRES
CREG2:EN_DIV = ‚1'
CREG2:DIV = 2 dec
DIV = 7 … 2 … 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com