Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 24 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 20Page - OSRAM GmbH AS73211 Datasheet HTML 21Page - OSRAM GmbH AS73211 Datasheet HTML 22Page - OSRAM GmbH AS73211 Datasheet HTML 23Page - OSRAM GmbH AS73211 Datasheet HTML 24Page - OSRAM GmbH AS73211 Datasheet HTML 25Page - OSRAM GmbH AS73211 Datasheet HTML 26Page - OSRAM GmbH AS73211 Datasheet HTML 27Page - OSRAM GmbH AS73211 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 23
2.
OSR programming: 80h, start of
the measurement as stated in the device’s configuration.
Coming from Power Down state activated by OSR:PD = ‚1‘ the AS73211 is active switched on
not unti
l OSR:SS is set to ‚1‘ (together while or with OSR:DOS = 011b). That means the bit
OSR:SS is a direct start condition for the CMD and CONT modes whereas for both SYN modes
also the falling edge at pin SYN is necessary for the startup. The programmed measurement
mode follows after startup marked by the falling edge of the signal path at pin READY. If the
configuration even contains CREG3:SB = ‚1‘ (as the example of Figure 21shows), additionally
after startup time TSTARTPD the wake-up time TSTARTSB of 4µs follows before the
measurement starts.
Figure 21:
Principle Start of the M
easurement from OSR:PD = ‚1‘ and CREG3:SB = ‚1‘
Figure 21 shows the principle start of the measurement from
OSR:PD = ‚1‘ and CREG3:SB = ‚1‘:
a)
CREG3 p
rogramming: bit CREG3:SB = ‚1‘,
b)
OSR programming: C3h, start of the measurement with prior run of TSTARTPD and
TSTARTS.
The programmed energy saving option (before or when measurement is started or while the
measurement runs) is switched on after the regular end of the measurement and storing of the results
within the buffer registe
rs. In case of an abortion of the measurement with OSR:SS = ‚0‘ or switching
to Configuration state the energy saving option is switched on without saving any results.
7.11
Standby
Standby is another option for reducing the power consumption, but compared to Power Down less
internal analog components are switched off to be able to get back active in a very short time. The
digital part of the AS73211 stays idle, but a full communication via the I²C interface is granted in
Configuration state and Measurement state as well. The bit CREG3:SB can only be changed in
Configuration mode. The wake-up process is possible in combination with the start condition of the
configured Measurement mode. Standby is automatically deactivated by starting the CMD or CONT
TSTARTSB
MEASUREMENT
S
CONFIGURATION
POWDOWN
STATE
I²C activity
OSR
C3h
b)
CREG3:SB ← ‚1'
a)
TSTARTPD
STANDBY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com