Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 28 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 24Page - OSRAM GmbH AS73211 Datasheet HTML 25Page - OSRAM GmbH AS73211 Datasheet HTML 26Page - OSRAM GmbH AS73211 Datasheet HTML 27Page - OSRAM GmbH AS73211 Datasheet HTML 28Page - OSRAM GmbH AS73211 Datasheet HTML 29Page - OSRAM GmbH AS73211 Datasheet HTML 30Page - OSRAM GmbH AS73211 Datasheet HTML 31Page - OSRAM GmbH AS73211 Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 27
The following example of a SYNS mode shows a correct measurement procedure but with an
unfavorable chosen application. After start of measurement with bit OSR:SS = ‚1‘ only the red marked
falling edges (see Figure 27) at pin SYN are accepted as start condition, because of the too tight
distances of the SYN edges a lot of falling edges are ignored during startup phase (TSTARTPD),
conversion time (TCONV) and pause time (TBREAK).
Figure 27:
Principle Sequence of Measurement in SYNS M
ode (OSR:PD , OSR:SS are set to ‚1‘)
Continuously occurring SYN pulses (e.g. generated by a PWM controlling in measurement mode
SYND) are ignored in Configuration state and while pause time TBREAK (see Figure 28) is activated.
It is recommended to increase the default value of register BREAK accordingly, if the time reference
result OUTCONV must be read via I²C interface. The conversion time is given by register EDGES, but
as shown in Figure 28 the real conversion time is always represented by TCONV at pin READY.
Furthermore, the output result OUTCONV can be used to get the right measurement result (see also
chapters
“Transfer Function” and “Conversion Time Measurement in SYND Mode”). Figure 28 shows
the principle sequence of measurement in SYND mode ready for wake-up after switch off Power
D
own state with OSR:PD = ‚0‘ and setting of OSR:SS to ‚1‘ in Configuration state, then waiting for start
via pin SYN (with exemplary settings
of EDGES = 06h and CREG3:SB = ‚1‘ for energy saving while
pause time TBREAK).
READY
SYN
MRES1 …
MRES3
start
start
RESULTS 1
POWDOWN
STATE
MEAS
PAUSE
POWDOWN
MEASUREMENT 1
TBREAK
I²C activity
OSR
C0h
data
fetch
TCONV
TSTARTPD
TSTARTPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com