Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 52 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 52 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 48Page - OSRAM GmbH AS73211 Datasheet HTML 49Page - OSRAM GmbH AS73211 Datasheet HTML 50Page - OSRAM GmbH AS73211 Datasheet HTML 51Page - OSRAM GmbH AS73211 Datasheet HTML 52Page - OSRAM GmbH AS73211 Datasheet HTML 53Page - OSRAM GmbH AS73211 Datasheet HTML 54Page - OSRAM GmbH AS73211 Datasheet HTML 55Page - OSRAM GmbH AS73211 Datasheet HTML 56Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
Document Feedback
AS73211
Register Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 51
8.5
Register
– BREAK
The register BREAK defines the time between two consecutive measurements of CONT, SYNS and
SYND mode. The default value of register BREAK is 19h. The value 0h results in a minimum time of
three clocks of fCLK.
Figure 51:
Register BREAK
– Address 9h
BREAK
NAME
VALUE
[dec]
DESCRIPTION
bit 7 to 0
BREAK
0 to 255
(25) (1)
Pause time TBREAK between two measurements (except
CMD mode): from 0 (2) to 2040
μs, step size 8 μs
(1)
Default value after power-on reset and software reset.
(2)
The value 0h results in a minimum time of 3 clocks of fCLK.
8.6
Register
– EDGES
The register EDGES becomes operative in SYND mode. After a measurement was started in SYND
mode it defines the necessary number of additional falling edges at input SYN until the conversion is
termina
ted. The value EDGES = ‚0‘ is not allowed and results in the initial value ‚1’.
8.7
Register
– OPTREG
The register bit OPTREG:INIT_IDX allows to communicate via I²C with simple masters, which do not
support the I²C Repeated START condition. In this case the start address for a read operation can
only be set by a complete write access with I²C STOP condition at the end. For this kind of simple I²C
masters the bit INIT_IDX has to be ‚0‘. Reading of data starts then at the given index address. After
each data transfer the index address is incremented.
With INIT_IDX set
to ‚1‘ each short read operation starts at the default address 2h in Measurement
mode and 0h in Configuration mode. The setting of the internal read index address by writing to a
register address followed by I²C Repeated START condition works as usual. After each data transfer
the index address is incremented. Please see also chapter “I²C Read Protocol”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com