Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 55 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 55 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 51Page - OSRAM GmbH AS73211 Datasheet HTML 52Page - OSRAM GmbH AS73211 Datasheet HTML 53Page - OSRAM GmbH AS73211 Datasheet HTML 54Page - OSRAM GmbH AS73211 Datasheet HTML 55Page - OSRAM GmbH AS73211 Datasheet HTML 56Page - OSRAM GmbH AS73211 Datasheet HTML 57Page - OSRAM GmbH AS73211 Datasheet HTML 58Page - OSRAM GmbH AS73211 Datasheet HTML 59Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
Document Feedback
AS73211
Register Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 54
NDA
TA is set to ‚1‘ to show the update (see Figure 55). With the start of each I²C read operation the
content of all buffer registers is transferred to the result registers. This ensures that during the I²C
readout operation the values of the result registers do not change.
As long as an I²C-reading of the measurement result registers is in process (no I²C stop condition has
been sent), no further update of the measurement result registers concerning to newer data of the
buffer registers will happen.
The status bit NDATA is reset to ‚0‘ after reading the status register or at least one measurement
result register.
Figure 55:
Update Time of the Status Register Bits for an Accurate Measurement and Read Behavior
If the buffer registers contain new values (NDATA = ‚1‘) and then a new measurement finishes before
an I²C reading process occurs, the new measurement results is stored in the buffer registers. The
older measurement results are overwritten. The status bit LDATA as shown in Figure 56 indicates this.
The LDATA bit is only reset to ‚0‘ by reading the status register, because it allows checking for the loss
of information after multiple measurement cycles.
IDLE
MEASUREMENT 2
RESULTS 1
MEASUREMENT 1
CONFIGURATION
IDLE
TCONV
data
fetch
OSR = 83h
start (OSR:SS ← ‚1')
MRES1 …
MRES3
READY
STATE
I²C activity
RESULTS 2
TCONV
start (OSR:SS ← ‚1')
LDATA = ‚0'
NDATA = ‚0'
data
fetch
LDATA = ‚0'
NDATA = ‚1'
LDATA = ‚0'
NDATA = ‚0'
LDATA = ‚0'
NDATA = ‚1'
LDATA = ‚0'
NDATA = ‚0'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com