Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 32 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 28Page - OSRAM GmbH AS73211 Datasheet HTML 29Page - OSRAM GmbH AS73211 Datasheet HTML 30Page - OSRAM GmbH AS73211 Datasheet HTML 31Page - OSRAM GmbH AS73211 Datasheet HTML 32Page - OSRAM GmbH AS73211 Datasheet HTML 33Page - OSRAM GmbH AS73211 Datasheet HTML 34Page - OSRAM GmbH AS73211 Datasheet HTML 35Page - OSRAM GmbH AS73211 Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 31
Figure 30:
X-
Channel (λ = 600nm) Programmable FSR and LSB of the Detectable Input Light Irradiance Ee
with CREG1:TIME Programming from 8 to and CREG1:GAIN Programming from 0 to 11
– CONT,
CMD and SYNS Mode
TIME
(1)
8
9
10
11
12
13
14
15
NCLK
(1)
262144
524288
1.05E+06
2.10E+06
4.19E+06
8.39E+06
1.68E+07
1024
TCONV[s]
(1)
0.256
0.512
1.024
2.048
4.096
8.192
16.384
0.001
RESOL[bit]
(1)
18
19
20
21
22
23
24
10
GAIN
(1)
FSR [µW/cm²] of detectable irradiance Ee (channel X)
2048x
3.463
1.732
0.866
0.433
0.216
0.108
0.054
13.854
1024x
6.927
3.463
1.732
0.866
0.433
0.216
0.108
27.707
512x
13.854
6.927
3.463
1.732
0.866
0.433
0.216
55.414
256x
27.707
13.854
6.927
3.463
1.732
0.866
0.433
110.828
128x
55.414
27.707
13.854
6.927
3.463
1.732
0.866
221.657
64x
110.828
55.414
27.707
13.854
6.927
3.463
1.732
443.314
32x
221.657
110.828
55.414
27.707
13.854
6.927
3.463
886.628
16x
443.314
221.657
110.828
55.414
27.707
13.854
6.927
1773.255
8x
886.628
443.314
221.657
110.828
55.414
27.707
13.854
3546.510
4x
1773.255
886.628
443.314
221.657
110.828
55.414
27.707
7093.020
2x
3546.510
1773.255
886.628
443.314
221.657
110.828
55.414
14186.041
1x
7093.020
3546.510
1773.255
886.628
443.314
221.657
110.828
28372.081
GAIN
(1)
LSB [nW/cm²]
– least significant bit of FSR (channel X)
2048x
0.0528
0.0264
0.0132
0.0066
0.0033
0.0017
0.0008
13.5289
1024x
0.1057
0.0528
0.0264
0.0132
0.0066
0.0033
0.0017
27.0577
512x
0.2114
0.1057
0.0528
0.0264
0.0132
0.0066
0.0033
54.1155
256x
0.4228
0.2114
0.1057
0.0528
0.0264
0.0132
0.0066
108.2309
128x
0.8456
0.4228
0.2114
0.1057
0.0528
0.0264
0.0132
216.4618
64x
1.6911
0.8456
0.4228
0.2114
0.1057
0.0528
0.0264
432.9236
32x
3.3822
1.6911
0.8456
0.4228
0.2114
0.1057
0.0528
865.8472
16x
6.7644
3.3822
1.6911
0.8456
0.4228
0.2114
0.1057
1731.6944
8x
13.5289
6.7644
3.3822
1.6911
0.8456
0.4228
0.2114
3463.3888
4x
27.0577
13.5289
6.7644
3.3822
1.6911
0.8456
0.4228
6926.7777
2x
54.1155
27.0577
13.5289
6.7644
3.3822
1.6911
0.8456
13853.5554
1x
108.2309
54.1155
27.0577
13.5289
6.7644
3.3822
1.6911
27707.1108
(1)
TIME (TCONV)
– given by CREG1:TIME = 8 … 15 dec, NCLK – number of clock cycle within conversion time TCONV,
RESOL
– Resolution of internal A/D conversion, GAIN = 1x given by CREG1:GAIN = 11dec up to GAIN = 2048x given
by CREG1:GAIN = 0dec (see Figure 48)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com