Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 15 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 11Page - OSRAM GmbH AS73211 Datasheet HTML 12Page - OSRAM GmbH AS73211 Datasheet HTML 13Page - OSRAM GmbH AS73211 Datasheet HTML 14Page - OSRAM GmbH AS73211 Datasheet HTML 15Page - OSRAM GmbH AS73211 Datasheet HTML 16Page - OSRAM GmbH AS73211 Datasheet HTML 17Page - OSRAM GmbH AS73211 Datasheet HTML 18Page - OSRAM GmbH AS73211 Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 14
7
Functional Description
Three internal photodiodes with different spectral sensitivity with three A/D converters. The irradiance
responsivity Re and the time of conversion TCONV are user defined and determined by registers
CREG1:GAIN and CREG1:TIME and should be adapted to the application of interest. At the end of
each conversion, the digital equivalents of the filtered input light signal regarding to the sensors area
are stored in the ou
tput registers (MRES1 … MRES3). Additionally a temperature sensor works in
parallel to the three optical channels, delivering the on-chip temperature at the end of conversion. The
pin READY remains at low logic level all the time during the conversion. The rising edge and the
following high logic level of READY signalize the end of conversion. Internal information related to the
conversion is available in a status register, too.
7.1
Operational States
The AS73211 operates in two different states
“Configuration” and “Measurement”. The three least
significant bits of the Operational State Register (OSR) as Device Operational State (DOS) defined the
current state. After applying the power supply voltage including power-on reset or after software reset
the AS73211 stays in Power Down state. It is ready to be programmed via I²C interface. Switching off
Power Down (OSR:PD set to ‚0‘) the AS73211 starts up in Configuration state (CONFIG) or in
Measurement state (MMODE) according to its DOS programming.
7.2
Configuration State
This state enables the access to the configuration registers (CREG1, CREG2, CREG3). Irradiance
responsivity Re and conversion time TCONV can be determined by settings of registers CREG1:GAIN
and CREG1:TIME as well as the kind of measurement mode can be chosen via register
CREG3:MMODE. A measurement is not possible in this state and therefore no access to any
measurement result registers.
7.3
Measurement State
In this state the light-to-digital conversion can be performed. The access to the output result registers
is enabled, but at this time, there is no access possible to the configuration registers. Specific settings
for the measuring task should be performed by programming the configuration registers before the
measurement is started (see chapter 8.5). The change between Configuration and Measurement state
can be performed by programming the DOS value of the operational state register OSR (see Figure
45). A change from Measurement state to Configuration state takes place immediately. Any active
measurement is stopped and all output result registers and the status register are reset as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com