Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 63 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 63 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 58Page - OSRAM GmbH AS73211 Datasheet HTML 59Page - OSRAM GmbH AS73211 Datasheet HTML 60Page - OSRAM GmbH AS73211 Datasheet HTML 61Page - OSRAM GmbH AS73211 Datasheet HTML 62Page - OSRAM GmbH AS73211 Datasheet HTML 63Page - OSRAM GmbH AS73211 Datasheet HTML 64Page - OSRAM GmbH AS73211 Datasheet HTML 65Page - OSRAM GmbH AS73211 Datasheet HTML 66Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
Document Feedback
AS73211
Application Notes
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 62
13.5
Sensor Calibration
Since the main variables of color change upon the arrangement of the observer, the object and light -
it is essential to optimize and calibrate color measurement tasks to the specific application, especially
for absolute color measurements according to the CIE 1931/DIN 5033.The calibration has three
functions. It converts the measured values from light-to-digital converter into the color space
XYZ/xyY/Luv/Lab or others. Secondly, it compensates production-related tolerances of the individual
sensors. Thirdly, the accuracy of the XYZ sensor is extremely sensitive to the opto-mechanical design
and variations of the system in, which it resides. These influences need to be corrected as other (e.g.
external) effects like temperatures or others can influence other components in the sensor system and
therefore the overall sensor response. Depending on the application and system accuracy, a sensor
calibration will be possible by an individual system or by an in-series calibration. In the process of
calibration there are conditions, which are required to receive reliable results in the CIE 1931 color
space. Using a standardized illumination source such as A, F2 and D65 as reference, the angle of
incidence as well as the arrangement of sensor and illumination are important input variables of the
calibration and determine the quality of the XYZ transformation. ams Sensors Germany offers special
white papers and application notes to find an optimized application-specific solution (time, costs and
quality) for calibration. Please ask our sales team.
For calibration the (color) target, measured by a spectrometer (n * XYZ as absolute color values and
reference) and the color sensor (n * ADC measured) must be known. By a simple coefficient matrix
method the relationship between the measured sensors values and absolute color coordinates in
CIE 1931 color space can be made: T (1) is the matrix of the reference measurement (XYZ values of
spectrometer), S (EQ1) is the sensor signal matrix (ADC values of Sensor) and K is the transformation
matrix (EQ2). After the transposition of S, a transformation matrix K (linear regression) is calculated
(EQ2). The result (EQ3) is the correction matrix K, which is used to transform measured sensor values
(ADC result of a color target) into the color space XYZ based in CIE 1931 (EQ4).
Information
Matrixes are not set up as a square matrix and depend on the number of targets n.
Equation 7:
n
n
n
Z
Y
X
Z
Y
X
Z
Y
X
T
...
2
2
2
1
1
1
;
n
n
n
adcZ
adcY
adcX
adcZ
adcY
adcX
adcZ
adcY
adcX
S
...
2
2
2
1
1
1
Equation 8:
 
 1
T
T
S
S
S
T
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com