Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 62 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 62 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 58Page - OSRAM GmbH AS73211 Datasheet HTML 59Page - OSRAM GmbH AS73211 Datasheet HTML 60Page - OSRAM GmbH AS73211 Datasheet HTML 61Page - OSRAM GmbH AS73211 Datasheet HTML 62Page - OSRAM GmbH AS73211 Datasheet HTML 63Page - OSRAM GmbH AS73211 Datasheet HTML 64Page - OSRAM GmbH AS73211 Datasheet HTML 65Page - OSRAM GmbH AS73211 Datasheet HTML 66Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
Document Feedback
AS73211
Application Notes
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 61
13
Application Notes
13.1
Narrowband Luminous Sources
The spectral filters of the color sensors are specialized for applications with broadband source of
lighting >10nm. Please ask our sales team before utilizing our sensor in combination with narrowband
luminous sources.
13.2
Angle of Incidence
The packaging of the sensor IC has an aperture angle (beam width) of nearly 90°. Traditional
interference filter work depending on angle of incidence. Using an angle of incidence < 10° allows the
best results with no filter shifts. This can be ensured by using lenses or optical holes that limit the
angle of incidence to the sensor device < 10°. An angle of incidence of more than 10° results in a filter
shift. The filter response and accuracy is distorted the greater the angle deviation is. Please note a
filter deviation resulting from this fact can differ from standard observer function and/or from the filter
functions specified in this document. Please ask our sales team for support.
13.3
Effects of Temperature
The specified operation temperature range and documented parameters regarding temperature
influence are described in chapter “Absolute Maximum Ratings”. The functionality of the filters do not
depend on any temperature changes. The temperature coefficient of the photo sensitivity and the dark
current of the photodiodes need to be considered
, since these have an influence on the sensor’s
response in case of changing temperature.
13.4
Notes for Manufacturing
JENCOLOR® sensors are optoelectronic components operating at high precision, resolution and
smallest currents of nA in operation and pA in standby. This must be considered in the development
and manufacturing. So mechanical stress, EMC, dirt and moisture must be avoided.
For manufacturing purposes we recommend completely removing moisture and dirtying (dirt and
residue solder as solder) on the boards with JENCOLOR® sensors. This refers to residual moisture
on / below the sensor and converter. In sensor operations residual moisture or residues of solder can
lead to leakage currents and result in increased offset values. Offset means a lower resolution, lower
accuracy and measuring inaccuracies in sensor mode. These have particular impact on small
measurement signals from the sensor. If cleaning of a PCB with water is necessary then make sure to
fully dry the board later on with suitable processes and technologies (e.g. baking 120°C, over 24h).
This avoids residual moisture as reason for leakage currents and noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com