Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 49 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 49 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 45Page - OSRAM GmbH AS73211 Datasheet HTML 46Page - OSRAM GmbH AS73211 Datasheet HTML 47Page - OSRAM GmbH AS73211 Datasheet HTML 48Page - OSRAM GmbH AS73211 Datasheet HTML 49Page - OSRAM GmbH AS73211 Datasheet HTML 50Page - OSRAM GmbH AS73211 Datasheet HTML 51Page - OSRAM GmbH AS73211 Datasheet HTML 52Page - OSRAM GmbH AS73211 Datasheet HTML 53Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
Document Feedback
AS73211
Register Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 48
CREG1
NAME
VALUE [b]
CONFIGURATION
0111
GAINX = 16x
110.828
1.6911
GAINY = 16x
119.354
1.8212
GAINZ = 16x
64.097
0.9780
1000
GAINX = 8x
221.657
3.3822
GAINY = 8x
238.707
3.6424
GAINZ = 8x
128.194
1.9561
1001
GAINX = 4x
443.314
6.7644
GAINY = 4x
477.415
7.2848
GAINZ = 4x
256.387
3.9122
1010 (1)
GAINX = 2x
886.628
13.5289
GAINY = 2x
954.830
14.5695
GAINZ = 2x
512.774
7.8243
1011
GAINX = 1x
1773.255
27.0577
GAINY = 1x
1909.659
29.1391
GAINZ = 1x
1025.548
15.6486
bit 3 to 0
TIME
VALUE [dec]
Conversion Time (fCLK = 1.024MHz)
TCONV [ms]
Number of clocks
0000
0
1
1024
210
0001
1
2
2048
211
0010
2
4
4096
212
0011
3
8
8192
213
0100
4
16
16384
214
0101
5
32
32768
215
0110 (1)
6
64
65536
216
0111
7
128
131072
217
1000
8
256
262144
218
1001
9
512
524288
219
1010
10
1024
1048576
220
1011
11
2048
2097152
221
1100
12
4096
4194304
222
1101
13
8192
8388608
223
1110
14
16384
16777216
224
1111
15
1
1024
210
(1)
Default value after power-on reset and software reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com