Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 5 Page - OSRAM GmbH

  AS73211 Datasheet HTML 1Page - OSRAM GmbH AS73211 Datasheet HTML 2Page - OSRAM GmbH AS73211 Datasheet HTML 3Page - OSRAM GmbH AS73211 Datasheet HTML 4Page - OSRAM GmbH AS73211 Datasheet HTML 5Page - OSRAM GmbH AS73211 Datasheet HTML 6Page - OSRAM GmbH AS73211 Datasheet HTML 7Page - OSRAM GmbH AS73211 Datasheet HTML 8Page - OSRAM GmbH AS73211 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
Document Feedback
AS73211
General Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 4
1.1
Key Benefits & Features
The benefits and features of AS73211, XYZ True Color Sensor with I²C Interface, are listed below:
Figure 1:
Added Value of Using AS73211
Benefits
Features
Light control measurement based on CIE
1931/DIN 5033
JENCOLOR® interference filter technology
Brightness, color coordinate and/or color
temperature control
High dynamic range up to 3.43E+10
(16 …24 Bit
ADC)
Usable under poor lighting conditions
High sensitivity up to 2.1M counts/(µW/cm²)
Smallest LSB 0.5pW/cm²
Mobile applications
Low power operation, Power on Reset, Power
down and standby, small QFN package
Harsh environmental applications
-40°C up to 125°C operation temperature range
Temperature compensation
On-chip temperature sensor
1.2
Applications
LED lighting control management for solid-state lighting applications (SSL)
Cabin lighting, daylight management / Human and Color Centric Lighting (HCL and CCL)
Ambient light color detection / correction
(O)LED display aging compensation and dynamic display color balancing
Portable light color measurement
Digital light projection (DLP)
Printer, Smartphone, PDA, tablet PCs, LCD-TVs, digital picture, frames, digital cameras color
enhancement
Photometry (brightness, color coordinate and/or color temperature)
1.3
Block Diagram
Figure 2 shows the main components of the AS73211. The photodiodes convert the incoming light to
a photo current and with subsequent current-to-digital converter to digital data. An internal reference
generator provides all necessary references for the A/D conversion and the photodiodes by using an
external resistor REXT at pin REXT. The results of the A/D conversion are stored in three 16-bit
registers and can be accessed via I²C interface. For the externally triggered start or start and stop of
the measurement, the input pin SYN can be used. The output READY reflects the status of the
conversion. The internal temperature sensor delivers the on-chip temperature, stored as 12-bit value
in a 16-bit register, which can be accessed via I²C interface, too. The pins A0 and A1 set the I²C slave
address. Separated analog and digital power supply and ground pins reduces noise coupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com