Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 34 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 34 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 30Page - OSRAM GmbH AS73211 Datasheet HTML 31Page - OSRAM GmbH AS73211 Datasheet HTML 32Page - OSRAM GmbH AS73211 Datasheet HTML 33Page - OSRAM GmbH AS73211 Datasheet HTML 34Page - OSRAM GmbH AS73211 Datasheet HTML 35Page - OSRAM GmbH AS73211 Datasheet HTML 36Page - OSRAM GmbH AS73211 Datasheet HTML 37Page - OSRAM GmbH AS73211 Datasheet HTML 38Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 33
Figure 32:
Y-
Channel (λ = 555nm) Programmable FSR and LSB of the Detectable Input Light Irradiance Ee
with CREG1:TIME Programming from 8 to 15 and CREG1:GAIN Programming from 0 to 11
CONT, CMD and SYNS Mode
TIME
(1)
8
9
10
11
12
13
14
15
NCLK
(1)
262144
524288
1.05E+06
2.10E+06
4.19E+06
8.39E+06
1.68E+07
1024
TCONV[s]
(1)
0.256
0.512
1.024
2.048
4.096
8.192
16.384
0.001
RESOL[bit]
(1)
18
19
20
21
22
23
24
10
GAIN
(1)
FSR [µW/cm²] of detectable irradiance Ee (channel Y)
2048x
3.730
1.865
0.932
0.466
0.233
0.117
0.058
14.919
1024x
7.460
3.730
1.865
0.932
0.466
0.233
0.117
29.838
512x
14.919
7.460
3.730
1.865
0.932
0.466
0.233
59.677
256x
29.838
14.919
7.460
3.730
1.865
0.932
0.466
119.354
128x
59.677
29.838
14.919
7.460
3.730
1.865
0.932
238.707
64x
119.354
59.677
29.838
14.919
7.460
3.730
1.865
477.415
32x
238.707
119.354
59.677
29.838
14.919
7.460
3.730
954.830
16x
477.415
238.707
119.354
59.677
29.838
14.919
7.460
1909.659
8x
954.830
477.415
238.707
119.354
59.677
29.838
14.919
3819.319
4x
1909.659
954.830
477.415
238.707
119.354
59.677
29.838
7638.637
2x
3819.319
1909.659
954.830
477.415
238.707
119.354
59.677
15277.275
1x
7638.637
3819.319
1909.659
954.830
477.415
238.707
119.354
30554.549
GAIN
(1)
LSB [nW/cm²]
– least significant bit of FSR (channel Y)
2048x
0.057
0.028
0.0142
0.007
0.004
0.002
0.001
14.570
1024x
0.114
0.057
0.0285
0.014
0.007
0.004
0.002
29.139
512x
0.228
0.114
0.0569
0.028
0.014
0.007
0.004
58.278
256x
0.455
0.228
0.1138
0.057
0.028
0.014
0.007
116.556
128x
0.911
0.455
0.2276
0.114
0.057
0.028
0.014
233.113
64x
1.821
0.911
0.4553
0.228
0.114
0.057
0.028
466.225
32x
3.642
1.821
0.9106
0.455
0.228
0.114
0.057
932.451
16x
7.285
3.642
1.8212
0.911
0.455
0.228
0.114
1864.902
8x
14.570
7.285
3.6424
1.821
0.911
0.455
0.228
3729.803
4x
29.139
14.570
7.2848
3.642
1.821
0.911
0.455
7459.607
2x
58.278
29.139
14.5695
7.285
3.642
1.821
0.911
14919.214
1x
116.556
58.278
29.1391
14.570
7.285
3.642
1.821
29838.427
(1)
TIME (TCONV) – given by CREG1:TIME = 8 … 15 dec, NCLK – number of clock cycle within conversion time TCONV, RESOL –
Resolution of internal A/D conversion, GAIN = 1x given by CREG1:GAIN = 11dec up to GAIN = 2048x given by
CREG1:GAIN = 0dec (see Figure 48).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com