Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 5Page - OSRAM GmbH AS73211 Datasheet HTML 6Page - OSRAM GmbH AS73211 Datasheet HTML 7Page - OSRAM GmbH AS73211 Datasheet HTML 8Page - OSRAM GmbH AS73211 Datasheet HTML 9Page - OSRAM GmbH AS73211 Datasheet HTML 10Page - OSRAM GmbH AS73211 Datasheet HTML 11Page - OSRAM GmbH AS73211 Datasheet HTML 12Page - OSRAM GmbH AS73211 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
Document Feedback
AS73211
Pin Assignment
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 8
3.2
Pin Description
Figure 4:
Pin Description of AS73211
Pin
Number
Pin Name
Pin Type
(1)
Description
1 - 2
VSSA
P
Analog ground
3
A0
DI
Variable I²C slave address bit 0
4
SCL
DI
I²C clock input
5
SDA
D_I/O_OD
I²C data input / output; open drain output stage
6
VSSD
P
Digital ground
7
VDDD
P
Digital power supply
8
READY
DO
Conversion status; configurable as push pull or open
drain output stage (default push pull)
9
SYN
DI
Input for external controlled conversion
10
A1
DI
Variable I²C slave address bit 1
11
– 12
VSSA
P
Analog ground
13
REXT
A_I/O
External reference resistor
14
VDDA
P
Analog power supply
15
– 17
VSSA
P
Analog ground
(1)
Explanation of abbreviations:
DI
Digital input
DO
Digital output
D_I/O_OD Digital input / output open drain
P
Power pin
A_I/O
Analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com