Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 47 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 47 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 43Page - OSRAM GmbH AS73211 Datasheet HTML 44Page - OSRAM GmbH AS73211 Datasheet HTML 45Page - OSRAM GmbH AS73211 Datasheet HTML 46Page - OSRAM GmbH AS73211 Datasheet HTML 47Page - OSRAM GmbH AS73211 Datasheet HTML 48Page - OSRAM GmbH AS73211 Datasheet HTML 49Page - OSRAM GmbH AS73211 Datasheet HTML 50Page - OSRAM GmbH AS73211 Datasheet HTML 51Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
Document Feedback
AS73211
Register Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 46
Figure 46:
Examples for Programming the Operational State Registers at Address 0h
Operational State
0
1
-
-
0
0
1
0
Configuration state (Power Down state switched
on)
42h
0
0
-
-
0
0
1
0
Configuration state (Power Down state switched
off)
02h
0
0
-
-
0
0
1
1
Measurement state (Power Down state switched
off)
03h
1
0
-
-
0
0
1
1
Measurement state and Start of measurement
(Power Down state switched off)
83h
1
0
-
-
0
0
0
0
Provided that Measurement state is active
– Start
of measurement (Power Down state switched off)
80h
0
1
-
-
0
0
1
1
Measurement state (Power Down state switched
on)
43h
1
1
-
-
0
0
1
1
Measurement state, Start of measurement and
internal startup (“overwrite” of PD = ‚1‘)
C3h
1
1
-
-
0
0
0
0
Provided that Measurement state is active
– Start
of measurement and internal startup
(“overwrite” of PD = ‚1‘)
C0h
(0)
(1)
-
-
1
(0)
(1)
(0)
Software reset
0Ah
8.3
API Generation Register
– AGEN
The value of this read only register indicates the generation of the Control Register Bank. The
register’s value changes whenever any formal modification is introduced to the Control Register Bank.
This case indicates that the Application Programming Interface (API) has been changed. The default
value for the AS73211 is 21h.
Figure 47:
API Generation Register (AGEN)
– Address 2h
AGEN
NAME
VALUE [b]
DESCRIPTION
bit 7 to 4
DEVID
0010
Device ID number
bit 3 to 0
MUT
0001
Mutation number of Control Register Bank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com