Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 45 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 45 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 41Page - OSRAM GmbH AS73211 Datasheet HTML 42Page - OSRAM GmbH AS73211 Datasheet HTML 43Page - OSRAM GmbH AS73211 Datasheet HTML 44Page - OSRAM GmbH AS73211 Datasheet HTML 45Page - OSRAM GmbH AS73211 Datasheet HTML 46Page - OSRAM GmbH AS73211 Datasheet HTML 47Page - OSRAM GmbH AS73211 Datasheet HTML 48Page - OSRAM GmbH AS73211 Datasheet HTML 49Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
Document Feedback
AS73211
Register Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 44
8
Register Description
The register contents defined in Figure 44 controls the AS73211 configuration and operational state.
8.1
Register Overview
Figure 44:
Control Register Bank
Address
(1)
[hex]
Access
(2)
Name
Reset
Value
(3)
Description
0
rw
OSR
42h
Operational State Register
1
-
-
00h (4)
Reserved
2
ro
AGEN
21h
API generation
3
-
-
00h
Reserved
4
-
-
FFh
Reserved
5
-
-
80h
Reserved
6
rw
CREG1
A6h
Configuration register 1
7
rw
CREG2
40h
Configuration register 2
8
rw
CREG3
40h
Configuration register 3
9
rw
BREAK
19h
Break time after
measurement
A
rw
EDGES
01h
Edge count value in SYND
mode
B
rw
OPTREG
73h
Options register
(1)
The 4 MSB bit of the register address are ignored.
(2)
ro: read-only, wo: write-only, rw: read-write
(3)
Default value after power-on reset and software reset.
(4)
Default value after power-on reset and software reset, but different, not relevant values after Power Down state is
switched off.
8.2
Operational State Register
– OSR
The register OSR defines the fundamental function (Device Operational State
– DOS) of the AS73211
according to Figure 45
. The register’s access is possible and necessary in both operational states –
configuration and measurement. Here the initializing, wake up, switch to and start of measurement
take place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com