Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 40 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 40 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 36Page - OSRAM GmbH AS73211 Datasheet HTML 37Page - OSRAM GmbH AS73211 Datasheet HTML 38Page - OSRAM GmbH AS73211 Datasheet HTML 39Page - OSRAM GmbH AS73211 Datasheet HTML 40Page - OSRAM GmbH AS73211 Datasheet HTML 41Page - OSRAM GmbH AS73211 Datasheet HTML 42Page - OSRAM GmbH AS73211 Datasheet HTML 43Page - OSRAM GmbH AS73211 Datasheet HTML 44Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 39
voltage variations. The conversion time measurement can be enabled by setting bit CREG2:EN_TM
bit to ‚1‘ (see Figure 49). At the end of the conversion the result is stored into the output register
OUTCONV (see Figure 53) synchronously with the measurement results (MRES). The stored value
follows the relation:
Equation 5:
CLK
CONV
f
T
OUTCONV
The bit STATUS:OUTCONVOF of the status register (see Figure 54) shows an overflow of the
conversion time counter OUTCONV. In case it happens and the conversion is still in process, the
counter OUTCONV starts again at 0. For the calculation of the full scale range (FSR) see formula 1, 2
and 3 in chapter “Transfer function.
7.16
Temperature Measurement
Additional to the three optical channels a temperature measurement is done in parallel. The
measurement result is available as TEMP of the output result registers. The resolution of the
temperature measurement is 12 bits by a step size of 0.05
K per bit, which means 20 counts per Kelvin. The value of the chip temperature (silicon
– measured in
°C) is equal to:
Equation 6:
C
C
TEMP
T
CHIP
9
.
66
05
.
0
With other words TEMP = 922h (2338dec) corresponds to 50°C as a reference point to start
calculations.
The temperature measurement is available in the measurement modes CONT, CMD and SYNS. By
values of CREG1:TIME < 2dec the resolution of the temperature measurement is reduced, but in this
case the output value of TEMP is internally corrected.
In the SYND measurement mode it is important to enable the conversion time measurement
(CREG2:EN_TM = ‚1‘) to get any result of the temperature measurement. In addition, the value of
output register OUTCONV has to be more than 212 given by the external conversion time at pin SYN!
7.17
I²C Communication
The two wire serial interface is compatible to the fast mode I²C protocol with a bit rate up to 400kbit/s.
The AS73211 exclusively operates as slave with its slave address [6:0] = (1, 1, 1, 0, 1, A1, A0). The
two lowest-order bits are defined by the input pins A1 and A0, which allows to run four AS73211 on
the same I²C bus at the same time. Within the AS73211 the pin SCL of the I²C interface is realized as
input pin, wherefore in single master applications the I²C master could drive the SCL line with a push-
pull stage. In all other cases the requirements for bus termination using standard pull-up according to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com