Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 36 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 36 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 32Page - OSRAM GmbH AS73211 Datasheet HTML 33Page - OSRAM GmbH AS73211 Datasheet HTML 34Page - OSRAM GmbH AS73211 Datasheet HTML 35Page - OSRAM GmbH AS73211 Datasheet HTML 36Page - OSRAM GmbH AS73211 Datasheet HTML 37Page - OSRAM GmbH AS73211 Datasheet HTML 38Page - OSRAM GmbH AS73211 Datasheet HTML 39Page - OSRAM GmbH AS73211 Datasheet HTML 40Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 35
Figure 34:
Z-
Channel (λ = 445nm) Programmable FSR and LSB of the Detectable Input Light Irradiance Ee
with CREG1:TIME Programming from 8 to 15 and CREG1:GAIN Programming from 0 to 11
CONT, CMD and SYNS Mode
TIME
(1)
8
9
10
11
12
13
14
15
NCLK
(1)
262144
524288
1.05E+06
2.10E+06
4.19E+06
8.39E+06
1.68E+07
1024
TCONV[s]
(1)
0.256
0.512
1.024
2.048
4.096
8.192
16.384
0.001
RESOL[bit]
(1)
18
19
20
21
22
23
24
10
GAIN
(1)
FSR [µW/cm²] of detectable irradiance Ee (channel Z)
2048x
2.003
1.002
0.501
0.250
0.125
0.063
0.031
8.012
1024x
4.006
2.003
1.002
0.501
0.250
0.125
0.063
16.024
512x
8.012
4.006
2.003
1.002
0.501
0.250
0.125
32.048
256x
16.024
8.012
4.006
2.003
1.002
0.501
0.250
64.097
128x
32.048
16.024
8.012
4.006
2.003
1.002
0.501
128.194
64x
64.097
32.048
16.024
8.012
4.006
2.003
1.002
256.387
32x
128.194
64.097
32.048
16.024
8.012
4.006
2.003
512.774
16x
256.387
128.194
64.097
32.048
16.024
8.012
4.006
1025.548
8x
512.774
256.387
128.194
64.097
32.048
16.024
8.012
2051.097
4x
1025.548
512.774
256.387
128.194
64.097
32.048
16.024
4102.193
2x
2051.097
1025.548
512.774
256.387
128.194
64.097
32.048
8204.387
1x
4102.193
2051.097
1025.548
512.774
256.387
128.194
64.097
16408.773
GAIN
(1)
LSB [nW/cm²]
– least significant bit of FSR (channel Z)
2048x
0.0306
0.0153
0.0076
0.0038
0.0019
0.0010
0.0005
7.8243
1024x
0.0611
0.0306
0.0153
0.0076
0.0038
0.0019
0.0010
15.6486
512x
0.1223
0.0611
0.0306
0.0153
0.0076
0.0038
0.0019
31.2973
256x
0.2445
0.1223
0.0611
0.0306
0.0153
0.0076
0.0038
62.5945
128x
0.4890
0.2445
0.1223
0.0611
0.0306
0.0153
0.0076
125.1890
64x
0.9780
0.4890
0.2445
0.1223
0.0611
0.0306
0.0153
250.3780
32x
1.9561
0.9780
0.4890
0.2445
0.1223
0.0611
0.0306
500.7560
16x
3.9122
1.9561
0.9780
0.4890
0.2445
0.1223
0.0611
1001.5120
8x
7.8243
3.9122
1.9561
0.9780
0.4890
0.2445
0.1223
2003.0241
4x
15.6486
7.8243
3.9122
1.9561
0.9780
0.4890
0.2445
4006.0482
2x
31.2973
15.6486
7.8243
3.9122
1.9561
0.9780
0.4890
8012.0963
1x
62.5945
31.2973
15.6486
7.8243
3.9122
1.9561
0.9780
16024.1927
(1)
TIME (TCONV)
– given by CREG1:TIME = 8 … 15 dec, N
CLK – number of clock cycle within conversion time TCONV,
RESOL – Resolution of internal A/D conversion, GAIN = 1x given by CREG1:GAIN = 11dec up to GAIN = 2048x given by
CREG1:GAIN = 0dec (see Figure 48).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com