Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 18 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 14Page - OSRAM GmbH AS73211 Datasheet HTML 15Page - OSRAM GmbH AS73211 Datasheet HTML 16Page - OSRAM GmbH AS73211 Datasheet HTML 17Page - OSRAM GmbH AS73211 Datasheet HTML 18Page - OSRAM GmbH AS73211 Datasheet HTML 19Page - OSRAM GmbH AS73211 Datasheet HTML 20Page - OSRAM GmbH AS73211 Datasheet HTML 21Page - OSRAM GmbH AS73211 Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
Document Feedback
AS73211
Functional Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 17
1.
OSR programmi
ng: 83h, start of continuous measurement via OSR:SS = ‚1‘, while device is
already in measurement mode (OSR:DOS = 011b),
2.
OSR programming: 03h, abortion of continuous measurement via OSR:SS = ‚0‘ – here while
pause time TBREAK is already activated to get the last measurement results.
It is recommended to read the measurement results during the break between two consecutive con-
versions. This pause time TBREAK can be configured in steps
of 8μs up to 2040μs long (see Figure
52). Please note that the break time should be long enough to prevent overlapping of data fetch
activities with the measurement for avoiding measurement disturbances, which could cause distortions
of the measurement results
Figure 15:
Principles Sequence for a Measurement Start in CONT Mode
7.6
Command Measurement Mode
– CMD
The CMD mode enables a start of a single conversion. Each conversion starts by setting the bit
OSR:SS to ‚1‘. The conversion time (TCONV) is determined by the content of the register
CREG1:TIME (see Figure 48). Figure 16 shows the first measurement starting from the Configuration
state by setting the bits of the Device Operational State (OSR:DOS) and Start/Stop (OSR:SS) at the
same time with OSR = 83h. For the next measurement start OSR = 80h is set (only bit OSR:SS,
OSR:DOS = 000b corresponds to NOP
– no operation, see also Figure 45.
The rising edge of READY signalizes the end of conversion and its valid output data can be read via
the I²C interface (data fetch).
IDLE
P
PAUSE
MRES1 …
MRES3
READY
STATE
I²C activity
MEASUREMENT 1
data
fetch
start (OSR:SS ← ,1')
a)
IDLE
RESULTS 1
RESULTS 2
data
fetch
stop (OSR:SS ← ,0')
b)
MEASUREMENT 2
TCONV
TCONV
TBREAK
TBREAK aborted
PAUSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com