Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 54 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 54 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 50Page - OSRAM GmbH AS73211 Datasheet HTML 51Page - OSRAM GmbH AS73211 Datasheet HTML 52Page - OSRAM GmbH AS73211 Datasheet HTML 53Page - OSRAM GmbH AS73211 Datasheet HTML 54Page - OSRAM GmbH AS73211 Datasheet HTML 55Page - OSRAM GmbH AS73211 Datasheet HTML 56Page - OSRAM GmbH AS73211 Datasheet HTML 57Page - OSRAM GmbH AS73211 Datasheet HTML 58Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
Document Feedback
AS73211
Register Description
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 53
Figure 54:
Status Register (STATUS)
– Address 0h
BREAK
NAME
DESCRIPTION
7
OUTCONVOF (1)(2)
Digital overflow of the internal 24 bit time reference OUTCONV
6
MRESOF(2)
Overflow of at least one of the measurement result registers MRES1 …
MRES3
5
ADCOF(2)
Overflow of at least one of the internal conversion channels during the
measurement (e.g. caused by pulsed light)
– analog evaluation is made
4
LDATA (3)
Measurement results in the buffer registers were overwritten before they
were transferred to the output result registers. A transfer takes place as
part of an I²C read process of at least one register of the output register
bank.
3
NDATA (4)
New measurement results were transferred from the temporary storage to
the output result registers.
2
NOTREADY
‚0‘: Measurement process is finished or not yet started
‚1‘: Measurement is in progress
(corresponds to the inverted signal at output pin READY)
1
STANDBYSTATE
,0‘: Standby state is switched OFF
,1‘: Standby state is switched ON
0
POWERSTATE
,0‘: Power Down state is switched OFF
,1‘: Power Down state is switched ON
(1)
Overflow of the internal 24-bit conversion time counter
– only possible in SYND mode with externally synchronized start
and stop of conversion.
(2)
The status flag is generated while a measurement is in progress. It always matches to the actual results of the output
register bank.
(3)
A reading process of the register STATUS always resets this status flag.
(4)
A reading process of the register STATUS and/or at least one result register always resets this status flag.
The bit STATUS:OUTCONVOF shows an overflow of the 24 bit counter of the internal reference for
the conversion time. This can only occur in SYND mode with CREG2:EN_TM = ‚1‘ and in case of
accordingly long externally given conversion times. After a counter overflow the counter starts again
from zero.
The bit STATUS:MRESOF
shows an overflow in one or more result registers of MRES1 … MRES3.
This can only happen if the conversion time is longer than 216
(CREG1:TIME = 7…15 dec) in
accordance with a higher input signal. The overflowed register stops at its maximum value FFFFh.
With the bit STATUS:ADCOF an input signal overdriving is signalized, which could occur during the
measurement cycle limited in time, so that no overflow of the result registers (MRESOF) is necessarily
produced. But the measurement results are not correct in this case. To eliminate this problem the
irradiance responsivity Re of the sensor has to be decreased via CREG1:GAIN.
The status bits OUTCONVOF, MRESOF and ADCOF always correspond to the actual content of the
measurement result registers
MRES1…3.
The bits STATUS:LDATA and STATUS:NDATA show the status of the measurement results. At the
end of each measurement cycle, the results of the counters are stored into buffer registers. The flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com