Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS73211 Datasheet(PDF) 61 Page - OSRAM GmbH

Part # AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Datasheet(HTML) 61 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 57Page - OSRAM GmbH AS73211 Datasheet HTML 58Page - OSRAM GmbH AS73211 Datasheet HTML 59Page - OSRAM GmbH AS73211 Datasheet HTML 60Page - OSRAM GmbH AS73211 Datasheet HTML 61Page - OSRAM GmbH AS73211 Datasheet HTML 62Page - OSRAM GmbH AS73211 Datasheet HTML 63Page - OSRAM GmbH AS73211 Datasheet HTML 64Page - OSRAM GmbH AS73211 Datasheet HTML 65Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 66 page
background image
Document Feedback
AS73211
Soldering & Storage Information
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 60
12
Soldering & Storage Information
The die-attach pad 17 (exposed pad) of the QFN16 package must be connected to analog ground
VSSA on PCB. Realize this before soldering by a conductive adhesive and bonding this pad of the
sensor backside to a ground pad on the PCB.
According to the JEDEC standard, the QFN16 package has been tested and has demonstrated the
ability to be reflow-soldered to a PCB substrate. The solder reflow profile describes the expected
maximum heat exposure of components during the solder reflow process of product on a PCB.
Temperature is measured on top of component. The component should be limited to a maximum of
three passes through this solder reflow profile.
Figure 60:
Profile Features According to JEDEC
IPC/JEDEC J-STD-020D.1
(Pb-Free)
RECOMMENDED DATA
Time [s] from 150°C to 200°C (preheat)
60
– 120
100
Average ramp-up rate [°C/s]
(200°C to peak temperature)
maximum 3.0
0.5
– 1.0
Liquidus temperature [°C]
Time [s] above liquidus (217°C)
217
60
– 150
217
110
Peak package body temperature [°C]
maximum 260
≤ 260
Time [s] within 5°C of the classification
temperature
minimum 30
35
– 45
Average ramp-down rate [°C/s] (peak
temperature to 200°C)
maximum 6.0
3.0
Time [s] from 25°C to peak temperature
maximum 480
350
Do not exceed the recommended values shown in the table or following figure. For further information,
see the JEDEC standard J-STD-020D.1.
Figure 61:
Solder Reflow Profile Graph
Time 25 °C To Peak
tS
Time →
TL
TP
25
Tsmin
Tsmax
tL
Preheat Area
Max. Ramp Up Rate = 3 °C/s
Max. Ramp Down Rate = 6 °C/s
tP
TC –5 °C
Supplier tP
Supplier TP ≥ TC
User tP
User TP ≤ TC
TC
TC –5 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com