Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 488 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 488 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 484Page - Renesas Technology Corp M16C/29 Datasheet HTML 485Page - Renesas Technology Corp M16C/29 Datasheet HTML 486Page - Renesas Technology Corp M16C/29 Datasheet HTML 487Page - Renesas Technology Corp M16C/29 Datasheet HTML 488Page - Renesas Technology Corp M16C/29 Datasheet HTML 489Page - Renesas Technology Corp M16C/29 Datasheet HTML 490Page - Renesas Technology Corp M16C/29 Datasheet HTML 491Page - Renesas Technology Corp M16C/29 Datasheet HTML 492Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 488 / 499 page
background image
REVISION HISTORY
M16C/29 Hardware Manual
Rev.
Date
Description
Page
Summary
C-6
Overview
2
• Table 1.1 and 1.2 Performance Outline Voltage detection circuit are modified,
note 3 is modified
4 - 5
• Figure 1.1 and 1.2 Block Diagrams are updated
6 - 7
• Table 1.3 to 1.5 Product Lists are updated
8
• Figure 1.3 Produt Numbering System is modified
9
• Tables 1.6 to 1.8 Product Code B3, B7, D3, D5, D7, D9 are deleted
• Tables 1.9 to 1.11 Product Code Mask ROM versions are newly added
13 - 17 • Table 1.9 and 1.10 Pin Characteristics for 80-, and 64-pin Packages are added
18
• Table 1.11 Pin Description Tables are modified
Memory
23
• Figure 3.1 Memory Map 48Kbyte memory size is deleted
Special Function Register
24 - 34 • Table 4.1 to 4.11 SFR Information values after reset
24
• Table 4.1 SFR Information(1) Note 3 is deleted
Reset
35
• 5.1.2 Hardware Reset 2 Note is modified, description is modified
38
• 5.5 Voltage Dection Circuit modified
• Figure 5.4 Voltage Detection Circuit Block modified, WDC5 bit circuit deleted
Processor Mode
44
• Figure 6.1 PM1 Register Note 2 information partially added
45
• Figure 6.2 PM2 Register added
46
• Figure 6.3 Bus Block Diagram and Table 6.1 Accessible Area and Bus
Cycle
added
Clock Generation Circuit
47
• Table 7.1 Clock Generation Circuit Specifications Oscillation stop, restart
function modified
48
• Figure 7.1 Clock Generation Circuit Upper portion of figure is modified
50
• Figure 7.4 ROCR Register Bit conents are modified
52
• Figure 7.6 PCLKR Register and PM2 Register Note 2 is modified
54
• Figure 7.8 Examples of Main Clock Connection Circuit is modified
55
• Figure 7.9 Examples of Sub Clock Connection Circuit is modified
• 7.5.2 Peripheral Function Clock (f1, f2, f8, f32, f1SIO, f2SIO, f8SIO, f32SIO,
fAD, fc32, fCAN0)
revised
59
• 7.6.1 Normal Operation Mode Information is modified
60
• Table 7.4 Setting Clock Related Bit and Modes Multi-master I2C bus interrupt
and Timer S interrupt added
61
• Table 7.5 Pin Status in Wait Mode newly added
• Table 7.6 Interrupts to Exit Wait Mode modified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com