Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 490 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 490 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 486Page - Renesas Technology Corp M16C/29 Datasheet HTML 487Page - Renesas Technology Corp M16C/29 Datasheet HTML 488Page - Renesas Technology Corp M16C/29 Datasheet HTML 489Page - Renesas Technology Corp M16C/29 Datasheet HTML 490Page - Renesas Technology Corp M16C/29 Datasheet HTML 491Page - Renesas Technology Corp M16C/29 Datasheet HTML 492Page - Renesas Technology Corp M16C/29 Datasheet HTML 493Page - Renesas Technology Corp M16C/29 Datasheet HTML 494Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 490 / 499 page
background image
REVISION HISTORY
M16C/29 Hardware Manual
Rev.
Date
Description
Page
Summary
C-8
note 1 is added
160
• Figure 13.21 Prescaler Function and Gate Function Note 1 modified
166
• Table 13.10 SR Waveform Output Mode Specifications Specification modified
167
• Figure 13.24 Set/Reset Waveform Output Mode Description for (1) Free-run-
ning operation modified, register names modified
168
• Table 13.11 Pin Setting for Time Measurement and Waveform Generating
Functions
Description of port direction modified
Serial I/O
170
• Note is modified
171
• Figure 14.1 Block Diagram of UARTi (i = 0 to 2) PLL clock is added to the
upper portion of diagram
174
• Figure 14.4 U0TB to U2TB, U0RB to U2RB, U0BRG to U2BRG Registers
Note 2 is modified, note 3 is newly added
175
• Figure 14.5 U0MR Register, U1MR Register Bit map is modified
176
• Figure 14.6 U0C0 Register Note 3 modified, Note 4 to 7 are added
• Figure 14.6 U2C0 Register Note 2 is added
177
• Figure 14.7 PACR Register added
180
• Table 14.1 Clock Synchronous Serial I/O Mode Specifications Select func-
tion modified, note 2 modified
182
• Table 14.3 Pin Functions Note 1 added
• Table 14.4 P64 Pin Functions Note 1 added
183
• Figure 14.10 Typical transmit/receive timings in clock synchronous serial I/
O mode
Example of receive timing: figure modified
184
• 14.1.1.1 Counter Measre for Communication Error Occurs newly added
185
• 14.1.1.2 CLK Polarity Select Function Newly added
186
• Figure 14.14 Transfer Clock Output From Multiple Pins Note 2 added
187
_______ _______
• 14.1.1.7 CTS/RTS separate function (UART0) modified
• Figure 14.15 CTS/RTS Separate Function Usage Note 1 added
188
• Table 14.5 UART Mode Specifications Select function modified, note 1 modi-
fied
190
• Table 14.7 I/O Pin Functions in UART Mode Note 1 added
• Table 14.8 P64 Pin Functions in UART Mode Note 2 added
192
________
• Figure 14.17 Receive Operation RTSi line is modified
• 14.1.2.1 Bit Rates newly added
• Table 14.9 Example of Bit Rates and Settings newly added
193
• 14.1.2.2 Counter Measure for Communication Error newly added
195
• 14.1.2.6 CTS/RTS Separate Function (UART0) P70 pin is added
• Figure 14.21 CTS/RTS Separate Function Note 1 added
196
• Table 14.10 I2C mode Specifications Note 2 modified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com