Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 494 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 494 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 490Page - Renesas Technology Corp M16C/29 Datasheet HTML 491Page - Renesas Technology Corp M16C/29 Datasheet HTML 492Page - Renesas Technology Corp M16C/29 Datasheet HTML 493Page - Renesas Technology Corp M16C/29 Datasheet HTML 494Page - Renesas Technology Corp M16C/29 Datasheet HTML 495Page - Renesas Technology Corp M16C/29 Datasheet HTML 496Page - Renesas Technology Corp M16C/29 Datasheet HTML 497Page - Renesas Technology Corp M16C/29 Datasheet HTML 498Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 494 / 499 page
background image
REVISION HISTORY
M16C/29 Hardware Manual
Rev.
Date
Description
Page
Summary
C-12
388
• Table 21.41 Recommended Operating Conditions VIH and VIL are modified
389
• Table 21.42 A/D Conversion Characeristics tSAMP deleted, note 4 added
390
• Table 21.43 Flash Memory Version Electrical Characteristics: Standard val-
ues of Program and Erase Endrance cycle modified, tps added
• Table 21.44 Flash Memory Version Electrical Characteristics: tps added,
data hold time added, note 1, 3, 8 modified, note 11 and 12 added
391
• Table 21.45 Power Supply Circuit from Timing CharacteristicsL Note 2 & 3
are deleted, td(S-R) and td(E-A) are deleted, figure modified
393
• Table 21.47 Electrical Characteristics(2) Note 4 is added
401
• Table 21.63 Electrical Characteristics(2) Note 4 is added
Precautions
422
• 22.2.1 PLL Frequency Synthesizer modified
423
• 22.2.2 Power Control Subsection sequence modified, 2., 3. and 4. information
modified
425
______
• 22.4.3 NMI Interrupt 2. information partially deleted, 6. information added
426
______
• 22.4.5 INT Interrupt 3. information added
427
• 22.4.6 Rewrite the Interrupt Control Register Example 1 is modified
431
• 22.6.1.3 Timer A (One-shot Timer Mode) 6. information added
434
• 22.6.3 Three-phase Motor Control Timer Function newly added
435
• 22.7.1 Rewrite the G1 IR Register description modified
• Figure 22.3 IC/OC Interrupt Flow Chart newly added
436
• 22.7.2 Rewrite the ICOCiIC Register newly added
• 22.7.3 Waveform Generating Function newly added
• 22.7.4 IC/OC Base Timer Interrupt newly added
438
• 22.8.2.1 Special Mode (I2C bus Mode) added
• 22.8.2.3 SI/O3, SI/O4 added
441
• 22.10 Multi-master I2C bus Interface added
445
• 22.12 Programmable I/O Ports 2. and 3. information modified
447
• 20.14 Mask ROM Version is added
448
• 22.15.1 Functions to Inhibit Rewriting Flash Memory Rewrite modified
• 22.15.2 Stop Mode modified
• 22.16.4 Low Power Disspation Mode, On-chip Oscillator Low Power Dissi-
pation Mode
modified
• 22.15.7 Operating Speed modified
449
• 22.15.9 Interrupts modified
• 22.15.13 Regarding Programming/Erasure Times and Execution Time
modified
450
• 22.15.14 Definition of Programming/Erasure Times added
• 22.15.15 Flash Memory version Electrical Characteristics 10,000 E/W cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com