Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 493 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 493 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 489Page - Renesas Technology Corp M16C/29 Datasheet HTML 490Page - Renesas Technology Corp M16C/29 Datasheet HTML 491Page - Renesas Technology Corp M16C/29 Datasheet HTML 492Page - Renesas Technology Corp M16C/29 Datasheet HTML 493Page - Renesas Technology Corp M16C/29 Datasheet HTML 494Page - Renesas Technology Corp M16C/29 Datasheet HTML 495Page - Renesas Technology Corp M16C/29 Datasheet HTML 496Page - Renesas Technology Corp M16C/29 Datasheet HTML 497Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 499 page
background image
REVISION HISTORY
M16C/29 Hardware Manual
Rev.
Date
Description
Page
Summary
C-11
329
• Table 19.1 Unassigned Pin Handling in Single-chip Mode Note 5 added
Flash Memory Version
330
• 20.1 Flash Memory Performance Description partially deleted
• Table 20.14 Flash Memory Version Specifications Note 3 added
331
• 20.1.1 Boot Mode added
332
• 20.2 Memory Map Description is modified
335
• 20.3.1 ROM Code Protect Function Description is modified
336
• Figure 20.4 ROMCP Address is modified
337
• Table 20.3 EW Mode 0 and EW Mode 1 Note 2 is modified
339
• 20.5.1 Flash Memory Control Register 0 FMR01 Bit and FMR02 Bit: descrip-
tion is modified
340
• 20.5.2 Flash Memory Control Register 1 (FMR1) FMR6 Bit is modified,
FMR17 Bit
is modified
341
• Figure 20.6 FMR0 and FMR1 Registers FMR0 register: note 3 modified, value
after reset modified; FMR1 register: note 3 modified, reserved bit map modified
342
• Figure 20.7 FMR4 Register Note 2 is modified
345
• 20.6.3 Interrupts EW1 mode modified
• 20.6.4 How to Access FMR16 bit is added
346
• 20.6.9 Stop Mode modified
352
• Table 20.7 Errors and FMR0 Register Status Register name modified
355
• Table 20.8 Pin Functions Pin settings are partially modified
Electrical Characteristics
• V version is newly added
366
• Table 21.1 Absolute Maximum Ratings Parameters of Pd and Topr are modi-
fied
367
• Table 21.2 Recommended Operating Conditions VIH and VIL are modified
368
• Table 21.3 A/D Conversion Characeristics tSAMP deleted, note 4 added
369
• Table 21.4 Flash Memory Version Electrical Characteristics: Standard val-
ues of Program and Erase Endrance cycle modified, tps added
• Table 21.5 Flash Memory Version Electrical Characteristics: tps added, data
hold time added, note 1, 3, 8 modified, note 11 and 12 added
370
• Table 21.6 Low Voltage Detection Circuit Electrical Characteristics Note 4
added
• Table 21.7 Power Supply Circuit from Timing CharacteristicsL Note 2 & 3
are deleted, figure modified
372
• Table 21.9 Electrical Characteristics(2) Note 5 is added
380
• Table 21.25 Electrical Characteristics(2) Note 5 is added
387
• Table 21.40 Absolute Maximum Ratings Parameters of Pd and Topr are modi-
fied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com