Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 489 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 489 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 485Page - Renesas Technology Corp M16C/29 Datasheet HTML 486Page - Renesas Technology Corp M16C/29 Datasheet HTML 487Page - Renesas Technology Corp M16C/29 Datasheet HTML 488Page - Renesas Technology Corp M16C/29 Datasheet HTML 489Page - Renesas Technology Corp M16C/29 Datasheet HTML 490Page - Renesas Technology Corp M16C/29 Datasheet HTML 491Page - Renesas Technology Corp M16C/29 Datasheet HTML 492Page - Renesas Technology Corp M16C/29 Datasheet HTML 493Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 489 / 499 page
background image
REVISION HISTORY
M16C/29 Hardware Manual
Rev.
Date
Description
Page
Summary
C-7
63
• Figure 7.11 State Transition to Stop Mode and Wait Mode modified, Note 7 is added
64
• Figure 7.12 State Transition in Normal Mode modified, note 5 deleted, note 6
and 7 are simplified
65
• Table 7.7 Allowed Transition and Setting note 2 partially modified, table con
tents are partially modified
68
• Figure 7.13 Procedure to Switch Clock Source From On-chip Oscillator
Clock to Main Clock
is modified
Interrupt
70
• Note is newly added
73
• Table 9.1 Fixed Vector Tables Note 2 is added
Watchdog Timer
89
• Additional information of the WDTS register is inserted
90
• Figure 10.1 Watchdog Timer Block Diagram modified
• Figure 10.2 WDC Register and WDTS Register All notes are deleted
-
• 10.2 Cold Start/Warm Start Section is deleted
DMAC
96
• Note is added
Timer
105
• Figure 12.6 TRGSR Register Note 2 added
117
• 12.2 Timer B Description of A/D trigger mode modified
• Figure 12.15 Timer B Block Diagram “A/D trigger mode” is added
123
• 12.2.4 A/D Trigger Mode Description modified
129
• Figure 12.28 IDB0 Register, IDB1 Register, DTT Register, and ICTB2 Regis-
ter
Information of bit 7 and 6 modified
131
• Figure 12.30 TB2SC Register Note 4 added, contents modified
133
• Figure 12.32 TA1MR Register, TA2MR Register, TA4MR Register MR0 bit is
modified
134
• Figure 12.33 Triangular Wave Modulation Operation Description modified
135
• Figure 12.34 Sawtooth Wave Modulation Operation Description modified
139
• Figure 12.38 TPRC Register Bit map is modified
Timer S
142
• Figure 13.2 G1BT and G1BCR0 Registers Function of G1BT register modified,
note 3 is added, function of bits 5 to 3 modified, description patially modified
143
• Figure 13.3 G1BCR1 Register Note 1 is partially added
146
• Figure 13.6 G1TM0 to G1TM7 Registers Note 3 and 4 are added
151-166 • Table 13.2, 13.5, 13,8, 13.9 and 13.10 Output wave form and Selectable func-
tion are modified
155
• Figure 13.15 Base Timer Reset Operation by Base Timer Reset Register
Base timer overflow request line is added, base timer interrupt line is modified,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com